Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6244X Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 34Page - Infineon Technologies AG TLE6244X Datasheet HTML 35Page - Infineon Technologies AG TLE6244X Datasheet HTML 36Page - Infineon Technologies AG TLE6244X Datasheet HTML 37Page - Infineon Technologies AG TLE6244X Datasheet HTML 38Page - Infineon Technologies AG TLE6244X Datasheet HTML 39Page - Infineon Technologies AG TLE6244X Datasheet HTML 40Page - Infineon Technologies AG TLE6244X Datasheet HTML 41Page - Infineon Technologies AG TLE6244X Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Final Data Sheet
38
V4.2, 2003-08-29
TLE 6244X
1.12 Notes for the Diagnostics
- SCB entry in DIA_REGx see diagrams in chapter 1.6.4.
- In case of overvoltage at pin VDD (VDD > 5,5V) the diagnostic information can be wrong. In
that case, the diagnostic information has to be cleared with the DEL_DIA instruction.
- The filtering time restarts when the output voltage passes the diagnostic threshold for
short to ground (SCG).
- Diagram of the typical diagnostic current:
A: Diagnostic current (see 3.11.3)
B: Bias Voltage Open Load (see3.11.2)
C: Short to GND Threshold (see 3.11.1.2)
D: Open load Threshold (see 3.11.1.1)
IOUTPUT
2.7V
5V
-130 µA
580 µA
UOUT
14V
A
A
B
0V
A
A
Short to GND
Open load
o. k.
D
C
3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com