Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6244X Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 37Page - Infineon Technologies AG TLE6244X Datasheet HTML 38Page - Infineon Technologies AG TLE6244X Datasheet HTML 39Page - Infineon Technologies AG TLE6244X Datasheet HTML 40Page - Infineon Technologies AG TLE6244X Datasheet HTML 41Page - Infineon Technologies AG TLE6244X Datasheet HTML 42Page - Infineon Technologies AG TLE6244X Datasheet HTML 43Page - Infineon Technologies AG TLE6244X Datasheet HTML 44Page - Infineon Technologies AG TLE6244X Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Final Data Sheet
41
V4.2, 2003-08-29
TLE 6244X
note 1: For every PS there exists only one symmetrical PS
OUT1 and OUT2 are symmetrical PS.
OUT3 and OUT4 are symmetrical PS.
...
OUT17 and OUT18 are symmetrical PS.
note 2: PS of the same type have the same nominal current and the same clamping voltage
note 3: Parallel connection of PS-type 2,2A/45V with type 2,2A/70V
note 4: Parallel connection of PS-type 2,2A/45V with type 3.0A/45V or
Parallel connection of PS-type 1.1A/45V with type 2,2A/45V
note 5: Parallel connection of PS-type 2,2A/70V with type 1.1A/45V or
Parallel connection of PS-type 2,2A/70V with type 3.0A/45V
If the power stages are configured for static current limitation the max. current limitation of the parallel
connected PS is the summation of the corresponding max. values of the
PS (ISC,OUTx + ISC,OUTy +....).
The following statements apply to Power Stages within different TLE6244X
The application has to take into account that all maximum ratings of each TLE6244X are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com