Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6244X Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6244X
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244X Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6244X Datasheet HTML 17Page - Infineon Technologies AG TLE6244X Datasheet HTML 18Page - Infineon Technologies AG TLE6244X Datasheet HTML 19Page - Infineon Technologies AG TLE6244X Datasheet HTML 20Page - Infineon Technologies AG TLE6244X Datasheet HTML 21Page - Infineon Technologies AG TLE6244X Datasheet HTML 22Page - Infineon Technologies AG TLE6244X Datasheet HTML 23Page - Infineon Technologies AG TLE6244X Datasheet HTML 24Page - Infineon Technologies AG TLE6244X Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Final Data Sheet
21
V4.2, 2003-08-29
TLE 6244X
1.6.4 Other
Reading the IC Identifier (SPI Instruction: RD_IDENT1):
Reading the IC revision number (SPI Instruction: RD_IDENT2):
Reset of the Diagnostic Information (SPI Instruction: DEL_DIA):
Resets the 5 diagnostic registers DIA_REG1...5 to FFH and the common overtemperature flag in regis-
ter STATCON_REG (Bit4) to High. These bits are only cleared by the DEL_DIA instruction when there
is no failure entry at the input of the registers.
Access is performed like a writing access with any data byte.
In the case a power stage is shut off because of SCB, the output is activated again by the DEL_DIA
instruction and the filtering-time is enabled. Therefore in case of SCB the output is activated and shut
off after the shutoff delay.
For a power stage in the current limitation mode, the current limitation mode is left, if a DEL_DIA
instruction has been received. If there is still the condition for SCB the current limitation mode
is entered again.
On the following pages the conditions for set and reset of the SCB report in DIA_REGx is shown in
several schematics. The signal „power stage control“ is generated as follows:
IC Identifier1 (Device ID)
7
654
321
0
ID7ID6
ID5ID4
ID3ID2
ID1ID0
Bit
Name
Description
7...0
ID(7...0)
ID-No.: 10101000
IC revision number
7
654
321
0
SWR3
SWR2
SWR1
SWR0
MSR3
MSR2
MSR1
MSR0
Bit
Name
Description
7...4
SWR(3...0)
Revision corresponding to Software release: 0Hex
3...0
MSR(3...0)
Revision corresponding to Maskset: 0Hex
OR
AND
power stage control = „ON“
ABE not active
INi=“ON“
SPI=“ON“
µsec=“ON“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com