Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6244 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 6Page - Infineon Technologies AG TLE6244 Datasheet HTML 7Page - Infineon Technologies AG TLE6244 Datasheet HTML 8Page - Infineon Technologies AG TLE6244 Datasheet HTML 9Page - Infineon Technologies AG TLE6244 Datasheet HTML 10Page - Infineon Technologies AG TLE6244 Datasheet HTML 11Page - Infineon Technologies AG TLE6244 Datasheet HTML 12Page - Infineon Technologies AG TLE6244 Datasheet HTML 13Page - Infineon Technologies AG TLE6244 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Final Data Sheet
10
V4.2, 2003-08-29
TLE 6244X
A SPI communication always starts with a SPI instruction sent from the controller to TLE6244X.
During a write cycle the controller sends the data after the SPI instruction, beginning with the MSB.
During a reading cycle, after having received the SPI instruction, TLE6244X sends the correspond-
ing data to the controller, also starting with the MSB.
SPI Command/Format:
Characteristics of the SPI Interface:
1) If the slave select signal at SS is High, the SPI-logic is set on default condition, i.e. it expects
an instruction.
2) If the 5V-reset (RST) is active, the SPI output SO is switched into tristate.
The VDD monitoring (ABE) has no influence on the SPI interface.
3) Verification byte:
Simultaneously to the receipt of an SPI instruction TLE6244X transmits a verification
byte via the output SO to the controller. This byte indicates regular or irregular operation of
the SPI. It contains an initial bit pattern and a flag indicating an invalid instruction of the previous
access.
4) On a read access the databits at the SPI input SI are rejected. On a writing access or after
the DEL_DIA instruction the TLE6244XTLE6244X sets the SPI output SO to low after sending
the verification byte. If more than 16 bits are received the rest of the frame is rejected.
5) Invalid instruction/access:
An instruction is invalid, if one of the following conditions is fulfilled:
- an unused instruction code is detected (see tables with SPI instructions)
- in case the previous transmission is not completed in terms of internal data processing
- number of SPI clock pulses counted during active SS differs from exactly 16 clock pulses.
A write access and the instruction DEL_DIA is internally suppressed (i.e internal
registers will not be affected) in all cases where at the rising (inactive) edge of SS the
number of falling edges applied to the SPI input SCK during the access is not equal to 16.
A write access is also internally suppressed (i.e internal registers will not be affected) if
at the rising (inactive) edge of SS a 17th bit is submitted (SCK=‘1’).
After the bits CPAD1,0 and INSTR (4-0) have been sent from the microcontroller
TLE6244X is able to check if the instruction code is valid. If an invalid instruction is
detected, any modification on a register of TLE6244X is not allowed and the data
byte ‘FFh’ is transmitted after having sent the verification byte. If a valid read instruction is
detected the content of the corresponding register is transmitted to the controller after having
sent the verification byte (even if bit INSW afterwards is wrong). If a valid write instruction is
MSB
76543210
0
0
INSTR4
INSTR3
INSTR2
INSTR1
INSTR0
INSW
Bit
Name
Description
7,6
CPAD1,0
Chip Address (has to be ‘0’, ‘0’)
5-1
INSTR (4-0)
SPI instruction (encoding)
0
INSW
Parity of the instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com