Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6244 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6244 Datasheet HTML 1Page - Infineon Technologies AG TLE6244 Datasheet HTML 2Page - Infineon Technologies AG TLE6244 Datasheet HTML 3Page - Infineon Technologies AG TLE6244 Datasheet HTML 4Page - Infineon Technologies AG TLE6244 Datasheet HTML 5Page - Infineon Technologies AG TLE6244 Datasheet HTML 6Page - Infineon Technologies AG TLE6244 Datasheet HTML 7Page - Infineon Technologies AG TLE6244 Datasheet HTML 8Page - Infineon Technologies AG TLE6244 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
Final Data Sheet
3
V4.2, 2003-08-29
TLE 6244X
1.2 Block Diagram
2,2A / 70V
2,2A / 70V
2,2A / 70V
2,2A / 70V
2,2A / 70V
1.1A / 45V
1.1A / 45V
2,2A / 45V
2,2A / 45V
2,2A / 45V
2,2A / 45V
2,2A / 45V
2,2A / 45V
fault
diagnostics
2,2A / 70V
UBatt
RST
SO
SCK
SS
SI
OUT1
OUT3
OUT4
OUT5
OUT6
OUT2
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
IN11
IN12
IN13
IN14
SPI Interface
3,0A / 45V
3,0A / 45V
OUT15
OUT16
1.1A / 45V
OUT18
IN16
IN9
IN10
GND1...8
ABE
GND_ABE
VDD
VDD-Moni-
toring
VDD
control only via SPI possible
control only via SPI possible
1.1A / 45V
OUT17
IN15
SPI
µsec - Bus
IN6 IN7 IN16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com