Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6280 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6280
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6280 Datasheet HTML 1Page - Infineon Technologies AG TLE6280 Datasheet HTML 2Page - Infineon Technologies AG TLE6280 Datasheet HTML 3Page - Infineon Technologies AG TLE6280 Datasheet HTML 4Page - Infineon Technologies AG TLE6280 Datasheet HTML 5Page - Infineon Technologies AG TLE6280 Datasheet HTML 6Page - Infineon Technologies AG TLE6280 Datasheet HTML 7Page - Infineon Technologies AG TLE6280 Datasheet HTML 8Page - Infineon Technologies AG TLE6280 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Datasheet TLE6280GP
Vreg1 13V
+13 ... +8V
CH
CL
BH
1
BH
2
BH
3
BL
1
BL
2
BL
3
Vreg2=6V
Vreg3 =
Vreg1-8V
Triggered
by ILx
VS
C
CP
C
BH1
C
BL1
Phase A
Phase B
Phase C
= Pin
Bold line = external component
C
VS
from battery
R
VS
Fig. 2: Supply structure with external components (compare to Fig. 1)
rectly feed the low-side output stages and recharge the bootstrap capacitors connected to
GND.
As soon as the first of the 3 external low-side Mosfets is switched off, the CCP will be pulled
down to be re-charged.
This synchronous operation with the output stages has the benefit that the electromagnetic
emissions generated by the charge pump can be filtered by the same filter necessary to filter
the EME of the converter itself. At the same time it is assured that the high voltage at the CH
pin is available just in time to charge the high-side bootstrap.
IL1
IL2
! Timing of charge pump - Examples
1
2
1. ILx high
1. ILx low
CH
Charge of charge pump
capacitor
IL2
1. ILx high
1. ILx low
CH
IL1
Charge of charge pump capacitor
IL3
Charge of bootstrap
capacitors
Charge of bootstrap capacitors
IL3
5
2004-03-31
Fig. 3: Trigger timing of charge pump caused by changing input signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com