Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6280 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6280
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6280 Datasheet HTML 2Page - Infineon Technologies AG TLE6280 Datasheet HTML 3Page - Infineon Technologies AG TLE6280 Datasheet HTML 4Page - Infineon Technologies AG TLE6280 Datasheet HTML 5Page - Infineon Technologies AG TLE6280 Datasheet HTML 6Page - Infineon Technologies AG TLE6280 Datasheet HTML 7Page - Infineon Technologies AG TLE6280 Datasheet HTML 8Page - Infineon Technologies AG TLE6280 Datasheet HTML 9Page - Infineon Technologies AG TLE6280 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Datasheet TLE6280GP
The size of the CBxx and CCP capacitors depends upon the gate charge of the Mosfet.
(See “output stages”). CCP is usually 6 times larger then CBxx.
Dead Time and Shoot through option.
In bridge applications it has to be assured that the external high-side and low-side Mosfets
are not “on” at the same time, such that the battery voltage is directly connected to GND.
This is usually assured by the integration of delays in a driver IC, generating a so-called
dead time between switching off the external Mosfet and switching on the other Mosfet of the
same half-bridge.
The dead times generated in the TLE6280GP are adjustable. The dead time generated by
the TLE6280GP can be varied from 100ns to 4µs by connecting an external resistor from the
DT pin to GND. The dead time has to be long enough to avoid a short between battery and
GND, while the dead time should be as short as possible to reduce extra power dissipation
in the external Mosfets.
In addition to this adjustable delay, the TLE6280GP provides a locking mechanism, prevent-
ing both external Mosfets of one half-bridge from being switched on at the same time. This
functionality is called shoot through protection.
If the command to switch on both high and low-side switches in the same half-bridge is given
at the input pins, the command will be ignored. (See dead time diagrams, fig. 6-8)
This shoot through protection can be deactivated by setting the MFP-pin to 5V.
Short circuit protection / current limitation
The TLE6280GP provides a short circuit protection for the external Mosfets, by monitoring
the Drain-Source voltage of the external Mosfets. As soon as this voltage is higher than the
short circuit detection limit, the Gate-Source voltage of this Mosfet will be limited to twice the
voltage at the MFP-Pin, providing a current limitation.
The short circuit detection level is dependent upon the voltage of the MFP pin as well (see
diagrams).
After a delay of about 11µs all external Mosfets will be switched off until the driver is reset by
the MFP pin. The error flag is set.
The Drain-Source voltage monitoring of the short circuit detection for certain external Mos-
fets is active as soon as the corresponding input is set to “on” and the dead time is expired.
This feature provides a 2-step switch-on behavior for each regular switching-on of a Mosfet.
Description of MFP pin (Multi functional pin)
The MFP pin has multiple tasks:
1) Reset the device.
2) Adjust the short circuit detection level of the external Mosfet and define the gate voltage
limitation for current limitation in case of short circuit
3) Deactivate the shoot-through protection
Fig 4. shows the internal structure of the MFP pin.
Condition of MFP pin
Function
0 – 1.1V
Disable the driver. All external Mosfets will be actively
switched off
2.5 – 4.0 V
Adjustable short circuit detection level combined with adjust-
able gate voltage limitation for current limitation. Shoot-
through protection is active.
> 4.5V
Shoot-through protection deactivated.
6
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com