Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6280 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6280
Description  3-Phase Bridge Driver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6280 Datasheet HTML 16Page - Infineon Technologies AG TLE6280 Datasheet HTML 17Page - Infineon Technologies AG TLE6280 Datasheet HTML 18Page - Infineon Technologies AG TLE6280 Datasheet HTML 19Page - Infineon Technologies AG TLE6280 Datasheet HTML 20Page - Infineon Technologies AG TLE6280 Datasheet HTML 21Page - Infineon Technologies AG TLE6280 Datasheet HTML 22Page - Infineon Technologies AG TLE6280 Datasheet HTML 23Page - Infineon Technologies AG TLE6280 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Datasheet TLE6280GP
Typ. Boostrap voltage vs. Duty Cycle
Conditions:
Mosfet: 6x SPB80N04S2-04; fPWM=20kHz, Vs=9V
Parameter:
Charge pump capacitor CCP / Bootstrap capacitor CBX
0
2
4
6
8
10
12
14
0
10203040506070
8090
100
Duty Cycle [%]
1.5µF / 220nF
3µF / 440nF
4.5µF / 660nF
Fig. 13: Typ. bootstrap voltage V(BHx)-V(SHx);
duty cycle of 1 half-bridge = 50%; duty cycle of the other
2 halfbridges variable
0
2
4
6
8
10
12
14
0
10203040506070
8090
100
Duty Cycle [%]
1.5µF / 220nF
3µF / 440nF
4.5µF / 660nF
Fig. 14: Typ. bootstrap voltage V(BHx)-V(SHx);
duty cycle of 1 half-bridge = 0%; duty cycle of the other 2
halfbridges variable
Remark:
The reachable duty cycle depends on the used PWM patterns. To achieve an even higher duty cycle, run it for
some periods and reduce the duty cycle only for 1 period down to 90% to recharge the bootstrap capacitors.
20
2004-03-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com