Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8692-7 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # VRG8692-7
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692-7 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button VRG8692-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 9Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
6
VRG8691/92
VIN
VOUT
VSENSE
CURR. LIMIT
10
11
12
4
3
2
1
8
ENABLE
6
9
7
5
0.1µF
47µF
+
VBIAS
SLOW START
VBIAS
VIN
GND
0.1µF
CDELAY
+
FIGURE 5 – DELAYED ENABLE
+
+
+
APPLICATION NOTE 3
START UP SEQUENCE
Recommended Power Supply Sequencing Options:
- OPTION 1: Controlling the ENABLE line with a Digital signal (TTL / CMOS compatible).
- Prior to applying power, disable the regulator by setting the ENABLE control line to a HIGH state.
- Apply VIN and VBIAS. 1/
- Wait until both VIN and VBIAS supplies have reached their operating levels.
- Toggle the ENABLE control line to a LOW state to turn on VOUT of the regulator.
- OPTION 2: Controlling the ENABLE line using the CDELAY feature.
- Connect a CDELAY capacitor between VBIAS and the ENABLE as shown in Figure 5 below. 2/
- Apply VIN and VBIAS. 1/
- CDELAY causes the regulator to self-enable after VBIAS has reached operating level.
NOTE: The ENABLE should always be asserted AFTER VIN and VBIAS have reached operating level.
NOTES:
1/ VIN should be applied before VBIAS if the Slow Start feature is used.
2/ CDELAY capacitor of 10uF is adequate for VBIAS rise times of up to 50ms.
1/
2/
R1
R2
VREF (=1V)
IADJ
CLOAD
47µF
VOUT
+
TANT
1µF
1µF
TANT
CER
CER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com