Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8692-7 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # VRG8692-7
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692-7 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button VRG8692-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 9Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
9
Notes:
FIGURE 4 – PACKAGE OUTLINE — VRG8692 SURFACE MOUNT POWER PACKAGE
1. Dimension Tolerance: ±.005 inches
2. Package contains BeO substrate
3. Case electrically isolated
PIN NUMBERS vs FUNCTION
PIN
FUNCTION
PIN
FUNCTION
1VIN
7Slow Start
2VIN
8
Current Limit
3VIN
9VSENSE
4VBIAS
10
VOUT
5
ENABLE
11
VOUT
6
GROUND
12
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com