Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRG8692-7 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # VRG8692-7
Description  Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8692-7 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button VRG8692-7 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 6Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 7Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 8Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 9Page - Aeroflex Circuit Technology VRG8692-7 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SCD8691 Rev H 11/12/13
Aeroflex Plainview
7
FIGURE 6 – SLOW START
VRG8691/92
VIN
VOUT
VSENSE
CURR. LIMIT
10
11
12
4
3
2
1
8
ENABLE
6
9
7
5
0.1µF
47µF
+
VBIAS
SLOW START
VBIAS
VIN
GND
0.1µF
0
CSS
+
ENABLE
If it is desirable to control the output rise time, a capacitor (CSS) can be asserted on the Slow Start pin to adjust the rise
time for the following:
A. Large load capacitance will cause high surge currents which will trip the current limit circuitry.
The use of CSS will allow the output voltage to rise slowly thus mitigate the surge current phenomenon.
B. CSS may be used solely to control VOUT RISE TIME (Tr), when CLOAD is not an issue.
C. CSS is effective only when VIN is applied prior to VBIAS or ENABLE.
>
CSS
CLOAD
(0.4 X 0.0014)
X
VOUT NOM
ICL - ILOAD NOM
Note: CSS in Farads and TR in seconds.
TR =
CSS X 2.5
0.0014
()
APPLICATION NOTE 4
VOUT START UP RISE TIME CONTROL
Utilizing the Slow Start option:
When the VRG8691/92 is first powered up, using the Slow Start function controls the rate at which VOUT rises to the
required voltage set by R1 and R2.
Note: VIN should be applied before VBIAS when the Slow Start feature is used.
R1
R2
VREF (=1V)
IADJ
CLOAD
47µF
VOUT
+
TANT
1µF
1µF
TANT
CER
CER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com