Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 31Page - ATMEL Corporation ATMEGA8 Datasheet HTML 32Page - ATMEL Corporation ATMEGA8 Datasheet HTML 33Page - ATMEL Corporation ATMEGA8 Datasheet HTML 34Page - ATMEL Corporation ATMEGA8 Datasheet HTML 35Page - ATMEL Corporation ATMEGA8 Datasheet HTML 36Page - ATMEL Corporation ATMEGA8 Datasheet HTML 37Page - ATMEL Corporation ATMEGA8 Datasheet HTML 38Page - ATMEL Corporation ATMEGA8 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 303 page
background image
35
ATmega8(L)
2486M–AVR–12/03
System Control and
Reset
Resetting the AVR
During Reset, all I/O Registers are set to their initial values, and the program starts exe-
cution from the Reset Vector. If the program never enables an interrupt source, the
Interrupt Vectors are not used, and regular program code can be placed at these loca-
tions. This is also the case if the Reset Vector is in the Application section while the
Interrupt Vectors are in the boot section or vice versa. The circuit diagram in Figure 14
shows the Reset Logic. Table 15 defines the electrical parameters of the reset circuitry.
The I/O ports of the AVR are immediately reset to their initial state when a reset source
goes active. This does not require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the
internal reset. This allows the power to reach a stable level before normal operation
starts. The time-out period of the delay counter is defined by the user through the
CKSEL Fuses. The different selections for the delay period are presented in “Clock
Sources” on page 24.
Reset Sources
The ATmega8 has four sources of Reset:
•
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on
Reset threshold (VPOT).
•
External Reset. The MCU is reset when a low level is present on the RESET pin for
longer than the minimum pulse length.
•
Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and
the Watchdog is enabled.
•
Brown-out Reset. The MCU is reset when the supply voltage V
CC is below the
Brown-out Reset threshold (VBOT) and the Brown-out Detector is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com