Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 63Page - ATMEL Corporation ATMEGA8 Datasheet HTML 64Page - ATMEL Corporation ATMEGA8 Datasheet HTML 65Page - ATMEL Corporation ATMEGA8 Datasheet HTML 66Page - ATMEL Corporation ATMEGA8 Datasheet HTML 67Page - ATMEL Corporation ATMEGA8 Datasheet HTML 68Page - ATMEL Corporation ATMEGA8 Datasheet HTML 69Page - ATMEL Corporation ATMEGA8 Datasheet HTML 70Page - ATMEL Corporation ATMEGA8 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 303 page
background image
67
ATmega8(L)
2486M–AVR–12/03
8-bit Timer/Counter0
Timer/Counter0 is a general purpose, single channel, 8-bit Timer/Counter module. The
main features are:
• Single Channel Counter
• Frequency Generator
• External Event Counter
• 10-bit Clock Prescaler
Overview
A simplified block diagram of the 8-bit Timer/Counter is shown in Figure 26. For the
actual placement of I/O pins, refer to “Pin Configurations” on page 2. CPU accessible
I/O Registers, including I/O bits and I/O pins, are shown in bold. The device-specific I/O
Register and bit locations are listed in the “8-bit Timer/Counter Register Description” on
page 70.
Figure 26. 8-bit Timer/Counter Block Diagram
Registers
The Timer/Counter (TCNT0) is an 8-bit register. Interrupt request (abbreviated to
Int. Req. in the figure) signals are all visible in the Timer Interrupt Flag Register (TIFR).
All interrupts are individually masked with the Timer Interrupt Mask Register (TIMSK).
TIFR and TIMSK are not shown in the figure since these registers are shared by other
timer units.
The Timer/Counter can be clocked internally or via the prescaler, or by an external clock
source on the T0 pin. The Clock Select logic block controls which clock source and edge
the Timer/Counter uses to increment its value. The Timer/Counter is inactive when no
clock source is selected. The output from the clock select logic is referred to as the timer
clock (clk
T0).
Definitions
Many register and bit references in this document are written in general form. A lower
case “n” replaces the Timer/Counter number, in this case 0. However, when using the
register or bit defines in a program, the precise form must be used i.e. TCNT0 for
accessing Timer/Counter0 counter value and so on.
The definitions in Table 33 are also used extensively throughout this datasheet.
Timer/Counter
TCNTn
Control Logic
= 0xFF
count
TOVn
(Int.Req.)
TCCRn
Clock Select
Tn
Edge
Detector
( From Prescaler )
clk
Tn
Table 33. Definitions
BOTTOM
The counter reaches the BOTTOM when it becomes 0x00
MAX
The counter reaches its MAXimum when it becomes 0xFF (decimal 255)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com