Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 52Page - ATMEL Corporation ATMEGA8 Datasheet HTML 53Page - ATMEL Corporation ATMEGA8 Datasheet HTML 54Page - ATMEL Corporation ATMEGA8 Datasheet HTML 55Page - ATMEL Corporation ATMEGA8 Datasheet HTML 56Page - ATMEL Corporation ATMEGA8 Datasheet HTML 57Page - ATMEL Corporation ATMEGA8 Datasheet HTML 58Page - ATMEL Corporation ATMEGA8 Datasheet HTML 59Page - ATMEL Corporation ATMEGA8 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 303 page
background image
56
ATmega8(L)
2486M–AVR–12/03
Special Function IO Register –
SFIOR
• Bit 2 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn
and PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01).
See “Configuring the Pin” on page 50 for more details about this feature.
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 22.
The alternate pin configuration is as follows:
• XTAL2/TOSC2 – Port B, Bit 7
XTAL2: Chip clock Oscillator pin 2. Used as clock pin for crystal Oscillator or Low-fre-
quency crystal Oscillator. When used as a clock pin, the pin can not be used as an I/O
pin.
TOSC2: Timer Oscillator pin 2. Used only if internal calibrated RC Oscillator is selected
as chip clock source, and the asynchronous timer is enabled by the correct setting in
ASSR. When the AS2 bit in ASSR is set (one) to enable asynchronous clocking of
Timer/Counter2, pin PB7 is disconnected from the port, and becomes the inverting out-
put of the Oscillator amplifier. In this mode, a crystal Oscillator is connected to this pin,
and the pin cannot be used as an I/O pin.
If PB7 is used as a clock pin, DDB7, PORTB7 and PINB7 will all read 0.
• XTAL1/TOSC1 – Port B, Bit 6
XTAL1: Chip clock Oscillator pin 1. Used for all chip clock sources except internal cali-
brated RC Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
TOSC1: Timer Oscillator pin 1. Used only if internal calibrated RC Oscillator is selected
as chip clock source, and the asynchronous timer is enabled by the correct setting in
ASSR. When the AS2 bit in ASSR is set (one) to enable asynchronous clocking of
Timer/Counter2, pin PB6 is disconnected from the port, and becomes the input of the
Bit
7
6
5
4
3
2
1
0
ACME
PUD
PSR2
PSR10
SFIOR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 22. Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
XTAL2 (
Chip Clock Oscillator pin 2)
TOSC2 (
Timer Oscillator pin 2)
PB6
XTAL1 (
Chip Clock Oscillator pin 1 or External clock input)
TOSC1 (
Timer Oscillator pin 1)
PB5
SCK (SPI Bus Master clock Input)
PB4
MISO (SPI Bus Master Input/Slave Output)
PB3
MOSI (SPI Bus Master Output/Slave Input)
OC2 (Timer/Counter2 Output Compare Match Output)
PB2
SS (SPI Bus Master Slave select)
OC1B (Timer/Counter1 Output Compare Match B Output)
PB1
OC1A (Timer/Counter1 Output Compare Match A Output)
PB0
ICP1 (Timer/Counter1 Input Capture Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com