Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL7705
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705 Datasheet(HTML) 5 Page - Texas Instruments

  TL7705 Datasheet HTML 1Page - Texas Instruments TL7705 Datasheet HTML 2Page - Texas Instruments TL7705 Datasheet HTML 3Page - Texas Instruments TL7705 Datasheet HTML 4Page - Texas Instruments TL7705 Datasheet HTML 5Page - Texas Instruments TL7705 Datasheet HTML 6Page - Texas Instruments TL7705 Datasheet HTML 7Page - Texas Instruments TL7705 Datasheet HTML 8Page - Texas Instruments TL7705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Supply voltage Supervisor TL77xx Series
1
Supply Voltage Supervisor TL77xx Series
ABSTRACT
After power-on a digital system must be forced into a definite initial state. For microcomputers and microprocessors a
Reset input is provided to which, in simple applications, an R/C network is connected. After power-on, this circuitry
maintains the logic level at this input high (or low), until the supply voltage has reached its nominal value, and the
internal logic of the microcomputer has executed the Reset. However, this simple circuit does not work well under all
conditions, or during short drops of the supply voltage. This applications report describes the operation and the
application of the supply voltage supervisor circuits series TL77xx, which has been specially designed to solve these
applications problems.
1. Introduction
After power-on a digital system must normally be forced into a definite initial state. For microcomputers
and microprocessors a reset input is provided to which, in simple applications, an R/C network is
connected. After power-on, this circuitry maintains the logic level at this input high (or low), until the supply
voltage has reached its nominal value, and the internal logic of the microcomputer has executed the
initialization of the system.
Figure 1. Reset circuit
However, this circuit does not work well during short drops of the supply voltage. In this case, the capacitor
C must be quickly discharged via the diode D, which will occur only if the supply voltage V
cc goes below the
threshold voltage (1
… 2 Volt) of the Reset input. A small decrease of V
cc
under the recommended
minimum supply voltage can destroy the content of the memory and registers and yet not activate the reset
circuit. This may have catastrophic consequences.
The following program example (8080 assembler code) tests an input:
WAIT
LXI
B,INPUT
;load address
LOOP
LDAX
B
;read input
ANI
MASK
;mask bit
JNZ
LOOP
;test
If, during the execution of the loop, the content of the B/C register is affected by a short voltage drop
(causing an incorrect input to be read), an incorrect condition will be tested and an incorrect decision will
be the consequence. Alternatively the addressed input will show a value which can never give a positive
test result: the execution of the program seems to be stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com