Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705 Datasheet(PDF) 8 Page - Texas Instruments

Part # TL7705
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL7705 Datasheet HTML 4Page - Texas Instruments TL7705 Datasheet HTML 5Page - Texas Instruments TL7705 Datasheet HTML 6Page - Texas Instruments TL7705 Datasheet HTML 7Page - Texas Instruments TL7705 Datasheet HTML 8Page - Texas Instruments TL7705 Datasheet HTML 9Page - Texas Instruments TL7705 Datasheet HTML 10Page - Texas Instruments TL7705 Datasheet HTML 11Page - Texas Instruments TL7705 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Circuit Description
4
Literature Number: SLVAE04
An additional comparator compares the voltage at the capacitor with the reference voltage and forces the
outputs into the active state as long as the voltage at the capacitor is lower than the reference voltage.
Figure 4 shows the timing of the various signals. In this example the SENSE input is connected to the
supply voltage V
cc as in typical applications of this device. The minimum supply voltage for which the
function of this device is guaranteed is 3.6 V. After power-on the outputs are undefined until the minimum
supply voltage V
res is reached. For the TL77xxA the minimum supply voltage is V
res = 3.0 V (typical 2.5 V),
for the TL77xxB is V
res = 1.0 V. Also, when using the TL77xxB it has to be noted, that with such low supply
voltages the function of the reset input of the following circuit may not be guaranteed.
Beyond the voltage V
res
the capacitor C
t
is first kept discharged, and the outputs stay in the active
state(RESET = High, RESET = Low). When the input voltage becomes higher than the threshold voltage
V
t, the thyristor is turned off and the capacitor is charged. After a delay, t
d, the voltage at the capacitor
passes the trigger level of the output comparator and the outputs become inactive. The circuit to be
initialized is now set to a defined state and starts the correct operation.
Note: SENSE Input connected to V
cc
Figure 4. Timing diagram
The thyristor is triggered again during voltage drops below the threshold voltage V
t.
and the reset
sequence starts again. Also now the outputs stays in the active state for the time t
d after the return of the
supply voltage to its required value. A hysteresis V
h at the input comparator prevents oscillation of the input
circuit when the input voltage rises or falls slowly.
The time t
d - and also the capacitor Ct - are determined by the requirements of the following circuitry. In
TTL or CMOS logic circuits, theoretically a reset time of 20 to 50ns is sufficient. For proper operation,
microcomputers require a reset signal which lasts for several machine cycles and is thus of the order of 10
to 200
µs, according to the type of microcomputer in use. In a practical application, the delay time will be
determined by characteristics of the power supply. Care has to be taken, that during and shortly after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com