Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705 Datasheet(PDF) 15 Page - Texas Instruments

Part # TL7705
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL7705 Datasheet HTML 9Page - Texas Instruments TL7705 Datasheet HTML 10Page - Texas Instruments TL7705 Datasheet HTML 11Page - Texas Instruments TL7705 Datasheet HTML 12Page - Texas Instruments TL7705 Datasheet HTML 13Page - Texas Instruments TL7705 Datasheet HTML 14Page - Texas Instruments TL7705 Datasheet HTML 15Page - Texas Instruments TL7705 Datasheet HTML 16Page - Texas Instruments TL7705 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Design Tips
Supply voltage Supervisor TL77xx Series
11
Figure 13. Buffered Circuit for the Reference Voltage
4. Design Tips
The application of the supply voltage supervisors of the series TL77xx is not complicated. However it
should be noticed, that this circuit is an analog circuit, whose function and performance - e.g. the stability
of the reference voltage - may be negatively influenced by noise in the neighboring circuits. Therefore the
voltage monitor should be placed on the printed circuit board, where there are no neighboring circuits in
the which switch high currents (like bus interface circuits and power switches). When laying out the layout
of the printed circuit board special care should taken with the interconnects which carry analog signals.
Beside the SENSE input these are the C
t and Vref terminals. Noise coupled into the Ct input will lead to a
reduction of the output pulse width. Noise coupled into the V
ref input or into the filter capacitor at this input
may lead to undesired triggering of the circuit and by this to an undesired RESET pulse. Practice shows,
that this malfunction when high currents flow over the interconnects of these capacitors to the GND
terminal of the voltage monitor. To avoid these effects, the GND terminals of these capacitors must be
connected by the shortest way to the GND terminal of the voltage monitor in so that no currents caused by
other circuits flow over these wires. Figure14 show a layout proposal for the printed circuit board.
Furthermore the resistors of the voltage divider at the SENSE input of the TL7702 (R
2 and R3 in figure 14)
have to be placed in so, that no noise may be coupled into this circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com