Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8284WCSVZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8284WCSVZ
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284WCSVZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8284WCSVZ Datasheet HTML 10Page - Analog Devices AD8284WCSVZ Datasheet HTML 11Page - Analog Devices AD8284WCSVZ Datasheet HTML 12Page - Analog Devices AD8284WCSVZ Datasheet HTML 13Page - Analog Devices AD8284WCSVZ Datasheet HTML 14Page - Analog Devices AD8284WCSVZ Datasheet HTML 15Page - Analog Devices AD8284WCSVZ Datasheet HTML 16Page - Analog Devices AD8284WCSVZ Datasheet HTML 17Page - Analog Devices AD8284WCSVZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 14 of 28
Antialiasing Filter
The AAF uses a combination of poles and zeros to create a
third-order elliptic filter. An elliptic filter is used to achieve
a sharp roll-off after the cutoff frequency. This architecture
achieves a −30 dB per octave roll-off in the first octave after
the cutoff frequency.
The filter uses on-chip tuning to trim the internal resistors and
capacitors to set the desired cutoff frequency. The tuning method
reduces variations in the cutoff frequency due to standard IC
process tolerances of resistors and capacitors.
The default tuning settings for a −3 dB low-pass filter cutoff is
1/3 × 1.125 × the ADC sample clock frequency. This setting can
be changed to 1/4 the ADC sample clock frequency. The cutoff
can also be scaled from 0.75 to 1.25 (in 0.0625 increments)
times these frequencies through the SPI.
Tuning is normally off and is initiated by the user via the SPI
port. After the filter is tuned to a specific frequency, it remains
at that frequency until another tuning sequence is initiated. The
tuning process can take up to 2048 clock cycles.
The filter defaults to its highest frequency setting before it is
tuned. To maintain the expected ratio of clock frequency to
cutoff frequency, tune the filter after initial power-up, after
reprogramming the filter cutoff scaling via the SPI, or after
changing the ADC sample rate. Occasional retuning during an
idle time is recommended to compensate for temperature drift.
A cutoff frequency range of 9 MHz to 15 MHz is possible, for
example
•
ADC clock: 40 MHz
•
Default tuned cutoff frequency = (40 MHz ÷ 3) × 1.125 =
15 MHz
The autotune cycle takes several clock cycles to complete. During
this time, the mux channels, A to D, are not operational; however,
the AUX input can be used during the autotuning cycle.
Saturation Flag
The saturation flag function detects overvoltage conditions that
may push the LNA or PGA out of their linear regions. The flag
is set when the PGA output voltage exceeds 2.0 V p-p or the
LNA output voltage exceeds 4.0 V p-p. This function is particularly
useful for detecting saturation events that may be filtered out by
the AAF and are, therefore, undetectable by monitoring the
ADC output.
When the saturation flag trips, it remains on for a minimum of
25 ns after the saturation event has ended.
Figure 16. Simplified Block Diagram of the Analog Channel
INx+
INx–
MUX
VMID
VMID
VMID
VMID
SATURATION DETECTION
VX
ADC
200Ω
20kΩ
20kΩ
200kΩ
200Ω
200kΩ
50Ω
50Ω
2pF
2pF
LNA
PGA
AAF
+REF
–REF
VX
+REF
–REF
AD8284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com