Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8284WCSVZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8284WCSVZ
Description  Radar Receive Path AFE - 4-Channel Mux
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8284WCSVZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8284WCSVZ Datasheet HTML 18Page - Analog Devices AD8284WCSVZ Datasheet HTML 19Page - Analog Devices AD8284WCSVZ Datasheet HTML 20Page - Analog Devices AD8284WCSVZ Datasheet HTML 21Page - Analog Devices AD8284WCSVZ Datasheet HTML 22Page - Analog Devices AD8284WCSVZ Datasheet HTML 23Page - Analog Devices AD8284WCSVZ Datasheet HTML 24Page - Analog Devices AD8284WCSVZ Datasheet HTML 25Page - Analog Devices AD8284WCSVZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8284
Data Sheet
Rev. D | Page 22 of 28
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default Notes/
Comments
0x0E
TEST_REGISTER
Enable analog outputs (APOUT, ANOUT)
0x01 = analog output enabled
0x00
Routes the
differential
output of the
AAF to APOUT
and ANOUT.
0x0F
FLEX_CHANNEL_INPUT
Filter cutoff frequency control
00000 = 1.25 × 1/4 × fSAMPLECH
00001 = 1.1875 × 1/4 × fSAMPLECH
00010 = 1.125 × 1/4 × fSAMPLECH
00011 = 1.0625 × 1/4 × fSAMPLECH
00100 = 1.0 × 1/4 × fSAMPLECH
00101 = 0.9375 × 1/4 × fSAMPLECH
00110 = 0.875 × 1/4 × fSAMPLECH
00111 = 0.8125 × 1/4 × fSAMPLECH
01000 = 0.75 × 1/4 × fSAMPLECH
01001 to 01111 = reserved
10000 = 1.25 × 1/3 × fSAMPLECH
10001 = 1.1875 × 1/3 × fSAMPLECH
10010 = 1.125 × 1/3 × fSAMPLECH (default)
10011 = 1.0625 × 1/3 × fSAMPLECH
10100 = 1.0 × 1/3 × fSAMPLECH
10101 = 0.9375 × 1/3 × fSAMPLECH
10110 = 0.875 × 1/3 × fSAMPLECH
10111 = 0.8125 × 1/3 × fSAMPLECH
11000 = 0.75 × 1/3 × fSAMPLECH
11001 to 11111 = reserved
X
X
X
0x90
Low-pass filter
cutoff (global).
fSAMPLECH = ADC
sample rate.
Note that the
absolute range
is limited to
9 MHz to
15 MHz.
0x10
FLEX_OFFSET
X
X
6-bit LNA offset adjustment
00 0000 for LNA offset low
10 0000 for LNA offset mid (default)
11 1111 for LNA offset high
0x20
LNA force
offset
correction.
0x11
FLEX_GAIN_1
X
X
X
X
X
000 = 17 dB
001 = 17 dB
010 = 17 dB
011 = 23 dB
100 = 29 dB (default)
101 = 35 dB
0x04
Total LNA +
PGA gain
adjustment
(local).
0x12
FLEX_BIAS_CURRENT
X
X
X
X
X
X
LNA bias
00 = high (default)
01 = mid to high
10 = mid to low
11 = low
0x00
LNA bias
current
adjustment
(global).
0x14
FLEX_OUTPUT_MODE
X
X
X
X
X
1 =
output
invert
(local)
0 = offset binary
1 = twos comple-
ment (default)
0x01
Configures the
outputs and
the format of
the data.
0x15
FLEX_OUTPUT_ADJUST 0 = enable
Data
Bits[11:0]
1 =
disable
Data
Bits[11:0]
X
X
X
Output drive current
0000 = low
…
1111 = high (default)
0x0F
Selects output
drive strength
to limit the
noise added to
the channels
by output
switching.
0x18
FLEX_VREF
X
0 =
internal
reference
(default)
1 =
external
reference
X
X
X
X
Internal reference
adjust
00 = 0.625 V
01 = 0.750 V
10 = 0.875 V
11 = 1.000 V
(default)
0x03
Select internal
reference
(recommended
default) or exter-
nal reference
(global); adjust
internal refer-
ence.
0x19
FLEX_USER_PATT1_LSB B7
B6
B5
B4
B3
B2
B1
B0
0x00
User defined
Pattern 1, LSB.
0x1A
FLEX_USER_PATT1_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User defined
Pattern 1, MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com