Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA8282 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices ADA8282 Datasheet HTML 18Page - Analog Devices ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 16 of 27
N
INAx
N + 1
OUTAN – 1
XXXX
NOTES
1. FOR ABOVE CONFIGURATION REGISTER ADDRESS 0C SET TO 1010 (CHANNEL A, B, C, D, E AND F ENABLED).
2. DSYNC IS ALWAYS ALIGNED WITH CHANNEL A UNLESS CHANNEL A OR CHANNEL AUX IS THE ONLY CHANNEL SELECTED, IN WHICH CASE DSYNC IS NOT ACTIVE.
3. THERE IS A SEVEN CLOCK CYCLE LATENCY FROM SAMPLING A CHANNEL TO ITS DIGITAL DATA BEING PRESENT ON THE PARALLEL BUS PINS.
OUTB
OUTC
OUTD
OUTE
OUTF
OUTAN
OUTB
CLK–
CLK+
D[11:0]
DSYNC
tPD
tDH
tDS
Figure 26. Data and DSYNC Timing
ADC
The AD8283 uses a pipelined ADC architecture. The quantized
output from each stage is combined into a 12-bit result in the
digital correction logic. The pipelined architecture permits the
first stage to operate on a new input sample and the remaining
stages to operate on preceding samples. Sampling occurs on the
rising edge of the clock. The output staging block aligns the
data, corrects errors, and passes the data to the output buffers.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD8283 sample clock inputs
(CLK+ and CLK−) should be clocked with a differential signal.
This signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or using capacitors. These pins are biased
internally and require no additional bias.
Figure 27 shows the preferred method for clocking the AD8283.
A low jitter clock source, such as the Valpey Fisher oscillator
VFAC3-BHL-50MHz, is converted from single ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD8283 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD8283, and it preserves the
fast rise and fall times of the signal, which are critical to low
jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
3.3V
50Ω 100Ω
CLK–
CLK+
ADC
AD8283
MINI-CIRCUITS®
ADT1-1WT, 1:1Z
XFMR
VFAC3
OUT
Figure 27. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL or LVDS signal to the sample clock input pins
as shown in and Figure 28 and Figure 29. The AD9515/
AD9520-0 family of clock drivers offers excellent jitter
performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50Ω*
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8283
PECL DRIVER
3.3V
OUT
VFAC3
AD9515/AD9520-0
Figure 28. Differential PECL Sample Clock
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9515/AD9520-0
50Ω*
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8283
LVDS DRIVER
3.3V
OUT
VFAC3
Figure 29. Differential LVDS Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com