Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA8282 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices ADA8282 Datasheet HTML 21Page - Analog Devices ADA8282 Datasheet HTML 22Page - Analog Devices ADA8282 Datasheet HTML 23Page - Analog Devices ADA8282 Datasheet HTML 24Page - Analog Devices ADA8282 Datasheet HTML 25Page - Analog Devices ADA8282 Datasheet HTML 26Page - Analog Devices ADA8282 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 24 of 27
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default Notes/
Comments
18
FLEX_VREF
X
0 =
internal
reference
1 =
external
reference
X
X
X
X
00 = 0.625 V
01 = 0.750 V
10 = 0.875 V
11 = 1.024 V
(default)
0x03
Select internal
reference
(recommended
default) or ex-
ternal reference
(global); adjust
internal refer-
ence.
19
FLEX_USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB.
1A
FLEX_USER_PATT1_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB.
1B
FLEX_USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSBs.
1C
FLEX_USER_PATT2_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2
MSBs.
2B
FLEX_FILTER
X
Enable
automatic
low-pass
tuning
1 = on
(self-
clearing)
X
X
0x00
2C
CH_IN_IMP
X
X
X
X
X
X
0 =
200Ω
(default)
1 =
200kΩ
0x00
Input imped-
ance adjust-
ment (global).
Table 10. Flexible Output Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
1000 0000 0000
Same
Yes
0010
+Full-scale short
1111 1111 1111
Same
Yes
0011
−Full-scale short
0000 0000 0000
Same
Yes
0100
Checkerboardoutput
1010 1010 1010
0101 0101 0101
No
0101
PN sequence long
N/A
N/A
Yes
0110
PN sequence short
N/A
N/A
Yes
0111
One-/zero-word toggle
1111 1111 1111
0000 0000 0000
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-/0-bit toggle
1010 1010 1010
N/A
No
1010
1× sync
0000 0011 1111
N/A
No
1011
One bit high
1000 0000 0000
N/A
No
1100
Mixed bit frequency
1010 0011 0011
N/A
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com