Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA8282 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 18Page - Analog Devices ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices ADA8282 Datasheet HTML 21Page - Analog Devices ADA8282 Datasheet HTML 22Page - Analog Devices ADA8282 Datasheet HTML 23Page - Analog Devices ADA8282 Datasheet HTML 24Page - Analog Devices ADA8282 Datasheet HTML 25Page - Analog Devices ADA8282 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 22 of 27
Table 9. AD8283 Memory Map Register
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default Notes/
Comments
Chip Configuration Registers
00
CHIP_PORT_CONFIG
0
LSB first
1 = on
0 = off
(default)
Soft
reset
1 = on
0 = off
(default)
1
1
Soft
reset
1 = on
0 = off
(default)
LSB first
1 = on
0 = off
(default)
0
0x18
The nibbles
should be
mirrored so
that LSB- or
MSB-first mode
is set correct
regardless of
shift mode.
01
CHIP_ID
Chip ID Bits[7:0]
(AD8283 = 0xA2, default)
Read
only
The default is a
unique chip ID,
specific to the
AD8283. This is
a read-only
register.
Device Index and Transfer Registers
04
DEVICE_INDEX_2
X
X
X
X
X
X
Data
Channel
F
1 = on
(default)
0 = off
Data
Channel
E
1 = on
(default)
0 = off
0x0F
Bits are set to
determine
which on-chip
device receives
the next write
command.
05
DEVICE_INDEX_1
X
X
X
X
Data
Channel
D
1 = on
(default)
0 = off
Data
Channel
C
1 = on
(default)
0 = off
Data
Channel
B
1 = on
(default)
0 = off
Data
Channel
A
1 = on
(default)
0 = off
0x0F
Bits are set to
determine
which on-chip
device receives
the next write
command.
FF
DEVICE_UPDATE
X
X
X
X
X
X
X
SW
transfer
1 = on
0 = off
(default)
0x00
Synchronously
transfers data
from the
master shift
register to the
slave.
Channel Functions Registers
08
GLOBAL_MODES
X
X
X
X
X
X
Internal power-
down mode
00 = chip run
(default)
01 = full power-
down
11 = reset
0x00
Determines the
power-down
mode (global).
09
GLOBAL_CLOCK
X
X
X
X
X
X
X
Duty
cycle
stabilizer
1 = on
(default)
0 = off
0x01
Turns the
internal duty
cycle stabilizer
on and off
(global).
0C
FLEX_MUX_CONTROL
X
Power-
down of
unused
channels
0 = PD
(power-
down;
default)
1 =
power-on
X
X
Mux input active channels
0000 = A
0001 =
Aux
0010 = AB
0011 = A
Aux
0100 = ABC
0101 = AB
Aux
0110 = ABCD
0111 = ABC
Aux
1000 = ABCDE
1001 = ABCD
Aux
1010 = ABCDEF
1011 = ABCDE Aux
0x00
Sets which mux
input channel(s)
are in use and
whether to
power down
unused
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com