Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5243F Datasheet(PDF) 8 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 4Page - Analog Devices ADG5243F Datasheet HTML 5Page - Analog Devices ADG5243F Datasheet HTML 6Page - Analog Devices ADG5243F Datasheet HTML 7Page - Analog Devices ADG5243F Datasheet HTML 8Page - Analog Devices ADG5243F Datasheet HTML 9Page - Analog Devices ADG5243F Datasheet HTML 10Page - Analog Devices ADG5243F Datasheet HTML 11Page - Analog Devices ADG5243F Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADG5243F
Data Sheet
Rev. 0 | Page 8 of 30
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
140
ns typ
RL = 1 kΩ, CL = 35 pF
170
185
195
ns max
VS = 8 V, see Figure 46
tON (EN)
145
ns typ
RL = 1 kΩ, CL = 35 pF
170
185
200
ns max
VS = 8 V, see Figure 45
tOFF (EN)
95
ns typ
RL = 1 kΩ, CL = 35 pF
115
125
125
ns max
VS = 8 V, see Figure 45
Break-Before-Make Time Delay, tD
80
ns typ
RL = 1 kΩ, CL = 35 pF
60
ns min
VS = 8 V, see Figure 44
Overvoltage Response Time, tRESPONSE
110
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 39
145
145
145
ns max
Overvoltage Recovery Time, tRECOVERY
500
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 40
655
720
765
ns max
Interrupt Flag Response Time, tDIGRESP
95
ns typ
CL = 12 pF, see Figure 41
Interrupt Flag Recovery Time, tDIGREC
65
µs typ
CL = 12 pF, see Figure 42
900
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 43
Charge Injection, QINJ
0.8
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF, see Figure 47
Off Isolation
−74
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 36
Channel-to-Channel Crosstalk
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Total Harmonic Distortion Plus Noise, THD + N
0.044
% typ
RL = 10 kΩ, VS = 6 V p-p, f = 20 Hz to 20 kHz,
see Figure 35
−3 dB Bandwidth
320
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 37
Insertion Loss
10.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 37
CS (Off)
4
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
5
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
10
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = POSFV = 13.2 V, VSS = NEGFV = 0 V, GND =
0 V, digital inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
1.3
mA typ
IPOSFV
0.15
mA typ
IDD + IPOSFV
2
2.1
mA max
IGND
0.75
mA typ
1.4
1.5
mA max
ISS
0.55
mA typ
INEGFV
0.2
mA typ
ISS + INEGFV
0.95
1.0
mA max
Fault Mode
VS = ±55 V, all channels in fault
IDD
1.4
mA typ
IPOSFV
0.2
mA typ
IDD + IPOSFV
2.5
2.8
mA max
IGND
0.9
mA typ
1.8
1.9
mA max
ISS
0.55
mA typ
Digital inputs = 5 V
INEGFV
0.2
mA typ
ISS + INEGFV
1.0
1.1
mA max
VS = ±55 V, VD = 0 V
VDD/VSS
8
V min
GND = 0 V
44
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com