Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5243F Datasheet(PDF) 22 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 22 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 18Page - Analog Devices ADG5243F Datasheet HTML 19Page - Analog Devices ADG5243F Datasheet HTML 20Page - Analog Devices ADG5243F Datasheet HTML 21Page - Analog Devices ADG5243F Datasheet HTML 22Page - Analog Devices ADG5243F Datasheet HTML 23Page - Analog Devices ADG5243F Datasheet HTML 24Page - Analog Devices ADG5243F Datasheet HTML 25Page - Analog Devices ADG5243F Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ADG5243F
Data Sheet
Rev. 0 | Page 22 of 30
POSFV + 0.5V
0V
0V
OUTPUT
(VxF)
tDIGREC
0.9VOUT
SOURCE
VOLTAGE
(VS)
ADG5243F
GND
Sx
Dx
0.1µF
0.1µF
VS
VDD VSS
VDD VSS
OTHER
SOURCE/DRAIN
PINS
0.1µF
NEGFV
0.1µF
POSFV
xF
*INCLUDES TRACK CAPACITANCE
CL*
12pF
Figure 42. Interrupt Flag Recovery Time, tDIGREC
POSFV + 0.5V
0V
5V
0V
OUTPUT
(VxF)
tDIGREC
3V
SOURCE
VOLTAGE
(VS)
ADG5243F
GND
Sx
Dx
xF
0.1µF
0.1µF
VS
VDD VSS
VDD VSS
OTHER
SOURCE/DRAIN
PINS
0.1µF
NEGFV
0.1µF
POSFV
*INCLUDES TRACK CAPACITANCE
CL*
12pF
RPULLUP
1kΩ
5V
OUTPUT
Figure 43. Interrupt Flag Recovery Time, tDIGREC, with a 1 kΩ Pull-Up Resistor
INx
Dx
SxA
GND
SxB
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VOUT
CL
35pF
RL
300Ω
VIN
3V
VS
0V
OUTPUT
80%
80%
VIN
tD
Figure 44. Break-Before-Make Time Delay, tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com