Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5243F Datasheet(PDF) 1 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 1 Page - Analog Devices

  ADG5243F Datasheet HTML 1Page - Analog Devices ADG5243F Datasheet HTML 2Page - Analog Devices ADG5243F Datasheet HTML 3Page - Analog Devices ADG5243F Datasheet HTML 4Page - Analog Devices ADG5243F Datasheet HTML 5Page - Analog Devices ADG5243F Datasheet HTML 6Page - Analog Devices ADG5243F Datasheet HTML 7Page - Analog Devices ADG5243F Datasheet HTML 8Page - Analog Devices ADG5243F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
User Defined Fault Protection and
Detection, 0.8 pC QINJ, Triple SPDT
Data Sheet
ADG5243F
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
User defined supplies set overvoltage level
Overvoltage protection up to −55 V and +55 V
Power-off protection up to −55 V and +55 V
Overvoltage detection on source pins
Minimum secondary supply level: 4.5 V single-supply
Interrupt flags indicate fault status
Low charge injection (QINJ): 0.8 pC
Low drain/source on capacitance: 10 pF
Latch-up immune under any circumstance
Known state without digital inputs present
VSS to VDD analog signal range
±5 V to ±22 V dual supply operation
8 V to 44 V single-supply operation
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
APPLICATIONS
Analog input/output modules
Process control/distributed control systems
Data acquisition
Instrumentation
Avionics
Automatic test equipment
Communication systems
Relay replacement
FUNCTIONAL BLOCK DIAGRAM
S1A
D1
S1B
S3B
D3
S3A
FF
SF
S2B
D2
S2A
ADG5243F
FAULT
DETECTION
AND SWITCH
DRIVER
NOTES
1. SWITCHES SHOWN FOR INPUT LOGIC 1.
Figure 1.
GENERAL DESCRIPTION
The ADG5243F comprises three independently selectable, single-
pole/double-throw (SPDT) switches. All channels exhibit break-
before-make switching action that prevents momentary shorting
when switching channels. An EN input enables or disables the
device. When disabled, all channels are switched off. Each switch
conducts equally well in both directions when on, and each
switch has an input signal range that extends to the supplies.
The primary supply voltages define the on-resistance profile,
whereas the secondary supply voltages define the voltage level at
which the overvoltage protection engages.
When no power supplies are present, the channel remains in the
off condition, and the switch inputs are high impedance. Under
normal operating conditions, if the analog input signal levels on
any Sx pin exceed the positive fault voltage (POSFV) or the
negative fault voltage (NEGFV) by a threshold voltage (VT), the
channel turns off and that Sx pin becomes high impedance. If
the switch is selected to be on, then the drain pin is pulled to the
secondary supply voltage that was exceeded. Input signal levels up
to −55 V or +55 V relative to ground are blocked, in both the
powered and unpowered conditions.
The low capacitance and charge injection of these switches
make them ideal solutions for data acquisition and sample-and-
hold applications, where low glitch switching and fast settling
times are required.
Note that, throughout this data sheet, multifunction pins, such
as IN1/F1, are referred to either by the entire pin name or by a
single function of the pin, for example, IN1, when only that
function is relevant.
PRODUCT HIGHLIGHTS
1. The source pins are protected against voltages greater than
the secondary supply rails, up to −55 V and +55 V.
2. The source pins are protected against voltages between
−55 V and +55 V in an unpowered state.
3. Overvoltage detection with the digital output indicates the
operating state of the switches.
4. Trench isolation guards against latch-up.
5. Optimized for low charge injection and on-capacitance.
6. The ADG5243F can be operated from a dual supply of ±5 V
to ±22 V or a single power supply of 8 V to 44 V.


Similar Part No. - ADG5243F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
ADG5248FBRUZ AD-ADG5248FBRUZ Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
ADG5248FBRUZ-RL7 AD-ADG5248FBRUZ-RL7 Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
ADG5249FBRUZ AD-ADG5249FBRUZ Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
ADG5249FBRUZ-RL7 AD-ADG5249FBRUZ-RL7 Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
More results

Similar Description - ADG5243F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
REV. 0
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
REV. B
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
REV. 0
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
REV. B
logo
Keysight Technologies
N5430A KEYSIGHT-N5430A Datasheet
6Mb / 8P
Infiniium User-Defined Function
N1019A KEYSIGHT-N1019A Datasheet
1Mb / 11P
N1019A User Defined Application
N5467B KEYSIGHT-N5467B Datasheet
7Mb / 13P
Infiniium User Defined Application (UDA)
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Analog Devices
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com