Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP207HB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP207HB
Description  5V High-Speed RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207HB Datasheet(HTML) 1 Page - Sipex Corporation

  SP207HB Datasheet HTML 1Page - Sipex Corporation SP207HB Datasheet HTML 2Page - Sipex Corporation SP207HB Datasheet HTML 3Page - Sipex Corporation SP207HB Datasheet HTML 4Page - Sipex Corporation SP207HB Datasheet HTML 5Page - Sipex Corporation SP207HB Datasheet HTML 6Page - Sipex Corporation SP207HB Datasheet HTML 7Page - Sipex Corporation SP207HB Datasheet HTML 8Page - Sipex Corporation SP207HB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TGoddard/SP207H/9614R0
SP207H/SP211H High–Speed Transceivers
© Copyright 2000 Sipex Corporation
Table 1. Model Selection Table
SP207H/SP211H
+5V High–Speed RS-232Transceivers
s Single 5V Supply Operation
s 0.1
µF External Charge Pump Capacitors
s 460kbps Minimum Data Rate
s Standard SOIC and SSOP Packages
s SP207H - Five (5) Drivers and Three (3)
Receivers
SP211H - Four (4) Drivers and Five (5)
Receivers
s 1
µA Shutdown Mode
s WakeUp Feature in Shutdown Mode
s Tri–State Receiver Outputs
s Ideal for V.34 and High Speed RS-232
Applications
Number of RS-232
No. of Receivers
No. of External
Model
Drivers
Receivers
Active in Shutdown 0.1
µF Capacitors Shutdown WakeUp TTL Tri–State
SP207H
5
3
0
4
No
No
No
SP207HB
5
3
3
4
Yes
Yes
Yes
SP211H
4
5
0
4
Yes
No
Yes
SP211HB
4
5
5
4
Yes
Yes
Yes
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
10
12
13
14
7
6
18
19
17
9
11
15
2
3
1
24
4
SP207
T1
T2
T3
T4
8
GND
R2 OUT
R2 IN
5
23
R3 OUT
R3 IN
22
16
R1
R2
R3
5KOHM
5KOHM
5KOHM
T5 IN
400KOHM
T5 OUT
21
20
T5
T1 IN
+5V INPUT
400KOHM
T1 OUT
0.1µF
6.3V
0.1µF
6.3V
0.1µF
16V
0.1µF
16V
0.1µF
6.3V
+
+
+
+
C1 +
C1 –
C2 +
C2 –
V +
V –
VCC
T2 IN
400KOHM
T2 OUT
T3 IN
400KOHM
T3 OUT
T4 IN
400KOHM
T4 OUT
R1 OUT
R1 IN
EN
12
14
15
16
7
6
20
21
8
24
11
13
17
2
3
1
28
9
SP211
T1
T2
T3
T4
10
GND
R2 OUT
R2 IN
54
R3 OUT
R3 IN
26
27
R2
R3
5KOHM
5KOHM
5KOHM
R4 OUT
R4IN
22
23
R4
5KOHM
R5 OUT
R5 IN
19
18
R5
5KOHM
SD
25
R1
DESCRIPTION…
The SP207H and SP211H are multi–channel RS-232 line transceivers configured to fit most
communication needs. The "H" series is based on Sipex's SP200 Series transceivers and has
been enhanced for speed. The data rate is improved to over 460kbps which easily meets the
230.4kbps data rates for V.34. The SP207H and SP211H use the same on-board charge pump
to provide
±10V voltage levels, using 0.1µF charge pump capacitors to save board space and
reduce circuit cost. The SP207HB, SP211H and SP211HB feature a low–power shutdown
mode, which reduces power supply drain to 1
µA. A WakeUp function keeps the receivers active
in the shutdown mode (SP207HB and SP211HB only).
®


Similar Part No. - SP207HB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207HBCA SIPEX-SP207HBCA Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBCT SIPEX-SP207HBCT Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBEA SIPEX-SP207HBEA Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBET SIPEX-SP207HBET Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
More results

Similar Description - SP207HB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP206 EXAR-SP206 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com