Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP207HB Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP207HB
Description  5V High-Speed RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207HB Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP207HB Datasheet HTML 6Page - Sipex Corporation SP207HB Datasheet HTML 7Page - Sipex Corporation SP207HB Datasheet HTML 8Page - Sipex Corporation SP207HB Datasheet HTML 9Page - Sipex Corporation SP207HB Datasheet HTML 10Page - Sipex Corporation SP207HB Datasheet HTML 11Page - Sipex Corporation SP207HB Datasheet HTML 12Page - Sipex Corporation SP207HB Datasheet HTML 13Page - Sipex Corporation SP207HB Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
TGoddard/SP207H/9614R0
SP207H/SP211H High–Speed Transceivers
© Copyright 2000 Sipex Corporation
14
ORDERING INFORMATION
RS232 Transceivers:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP207HCA ....... 5 ............................. 3 ................................ 0
°C to +70°C .............................. 24–pin SSOP
SP207HCP ....... 5 ............................. 3 ................................ 0
°C to +70°C ...................... 24–pin Plastic DIP
SP207HCT ....... 5 ............................. 3 ................................ 0
°C to +70°C ............................... 24–pin SOIC
SP207HEA ....... 5 ............................. 3 ............................ –40
°C to +85°C .............................. 24–pin SSOP
SP207HEP ....... 5 ............................. 3 ............................ –40
°C to +85°C ...................... 24–pin Plastic DIP
SP207HET ........ 5 ............................. 3 ............................ –40
°C to +85°C ............................... 24–pin SOIC
RS232 Transceivers with Low–Power Shutdown and Tri–state Enable:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP211HCA ....... 4 ............................. 5 ................................ 0
°C to +70°C .............................. 28–pin SSOP
SP211HCT ....... 4 ............................. 5 ................................ 0
°C to +70°C ............................... 28–pin SOIC
SP211HEA ....... 4 ............................. 5 ............................ –40
°C to +85°C .............................. 28–pin SSOP
SP211HET ........ 4 ............................. 5 ............................ –40
°C to +85°C ............................... 28–pin SOIC
RS232 Transceivers with Low–Power Shutdown, Tri–state Enable, and
Wake–Up Function:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP207HBCA .... 5 ....... 3, with 3 active in Shutdown .......... 0
°C to +70°C .............................. 28–pin SSOP
SP207HBCT ..... 5 ....... 3, with 3 active in Shutdown .......... 0
°C to +70°C ............................... 28–pin SOIC
SP207HBEA ..... 5 ....... 3, with 3 active in Shutdown ...... –40
°C to +85°C .............................. 28–pin SSOP
SP207HBET ..... 5 ....... 3, with 3 active in Shutdown ...... –40
°C to +85°C ............................... 28–pin SOIC
SP211HBCA .... 4 ....... 5, with 5 active in Shutdown .......... 0
°C to +70°C .............................. 28–pin SSOP
SP211HBCT ..... 4 ....... 5, with 5 active in Shutdown .......... 0
°C to +70°C ............................... 28–pin SOIC
SP211HBEA ..... 4 ....... 5, with 5 active in Shutdown ...... –40
°C to +85°C .............................. 28–pin SSOP
SP211HBET ..... 4 ....... 5, with 5 active in Shutdown ...... –40
°C to +85°C ............................... 28–pin SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com