Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP207HB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP207HB
Description  5V High-Speed RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207HB Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP207HB Datasheet HTML 2Page - Sipex Corporation SP207HB Datasheet HTML 3Page - Sipex Corporation SP207HB Datasheet HTML 4Page - Sipex Corporation SP207HB Datasheet HTML 5Page - Sipex Corporation SP207HB Datasheet HTML 6Page - Sipex Corporation SP207HB Datasheet HTML 7Page - Sipex Corporation SP207HB Datasheet HTML 8Page - Sipex Corporation SP207HB Datasheet HTML 9Page - Sipex Corporation SP207HB Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TGoddard/SP207H/9614R0
SP207H/SP211H High–Speed Transceivers
© Copyright 2000 Sipex Corporation
6
Figure 4. Charge Pump — Phase 3
age swing is
±9V with no load, and±5V minimum
with full load. The transmitter outputs are pro-
tected against infinite short–circuits to ground
without degradation in reliability. The SP207HB,
SP211H and SP211HB drivers can be tri–stated
by using the SHUTDOWN function.
In the “power off” state, the output impedance will
remain greater than 300 ohms, again satisfying the
RS-232 specifications. Should the input of the
driver be left open, an internal 400Kohm pullup
resistor to V
CC forces the input high, thus commit-
ting the output to a low state.
Because of the increased speed, the slew rate is
typically 60V/
µS which is above the RS-232
specifcation of 30V/
µS. This is the only param-
eter that exceeds the RS-232 limits.
Figure 3. Charge Pump Waveforms
+10V
a) C
2
+
GND
GND
b) C
2
–
–10V
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Receivers
The receivers convert RS-232 input signals to
inverted TTL signals. Since the input is usually
from a transmission line where long cable lengths
and system interference can degrade the signal,
the inputs have a typical hysteresis margin of
500mV. This ensures that the receiver is virtu-
ally immune to noisy transmission lines. Should
an input be left unconnected, a 5Kohm pulldown
resistor to ground will commit the output of the
receiver to a high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com