Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6004SCT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH6004SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH6004SCT Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH6004SCT
Document number: DS38012 Rev. 2 - 2
1 of 7
www.diodes.com
February 2016
© Diodes Incorporated
DMTH6004SCT
YYWW
H6004S
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
(Note 9)
60V
3.65m
Ω @ VGS = 10V
100A
Description and Applications
This new generation MOSFET features low on-resistance and fast
switching, making it ideal for high-efficiency power management
applications.
Engine Management Systems
Body Control Electronics
DC-DC Converters
Features
Low Input Capacitance
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO220-3
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram Below
Weight: 1.85 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMTH6004SCT
TO220-3
50 Pieces/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
=Manufacturer’s Marking
H6004S = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Last Digit of Year (ex: 15 = 2015)
WW or WW = Week Code (01 to 53)
Equivalent Circuit
Top View
Pin Out Configuration
Top View
Bottom View
TO220-3


Similar Part No. - DMTH6004SCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMTH6004SCT ISC-DMTH6004SCT Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
logo
Inchange Semiconductor ...
DMTH6004SCTB ISC-DMTH6004SCTB Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMTH6004SCTB-13 DIODES-DMTH6004SCTB-13 Datasheet
546Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMTH6004SCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com