Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6004SCT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH6004SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCT Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH6004SCT Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMTH6004SCT
Document number: DS38012 Rev. 2 - 2
4 of 7
www.diodes.com
February 2016
© Diodes Incorporated
DMTH6004SCT
0.002
0.003
0.004
0.005
0.006
-50
-25
0
25
50
75
100 125
150 175
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
V
= 10V
GS
I = 100A
D
V
= 10V
GS
I = 20A
D
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
-50
-25
0
25
50
75
100
125
150
175
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
I = 1mA
D
I = 250µA
D
0
20
40
60
80
100
120
140
160
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
T = 175°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
Ciss
C oss
Crss
f = 1MHz
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90 100
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
V
= 30V
DS
I = 90A
D
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
T
= 175°C
J(max)
T = 25°C
C
V
= 10V
GS
Single Pulse
DUT on Infinite Heatsink
R DS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com