Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6004SCT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH6004SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6004SCT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH6004SCT Datasheet HTML 1Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 2Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 3Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 4Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 5Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 6Page - Diodes Incorporated DMTH6004SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6004SCT
Document number: DS38012 Rev. 2 - 2
2 of 7
www.diodes.com
February 2016
© Diodes Incorporated
DMTH6004SCT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 6)
TC = +25°C
(Note 9)
ID
100
A
TC = +100°C
100
Maximum Continuous Body Diode Forward Current (Note 6)
TC = +25°C
IS
100
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
180
A
Avalanche Current, L=0.2mH
IAS
45
A
Avalanche Energy, L=0.2mH
EAS
200
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.8
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
52.8
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
136
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
1.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
3.1
3.65
m
Ω
VGS = 10V, ID =100A
Diode Forward Voltage
VSD
—
—
1.3
V
VGS = 0V, IS = 100A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
—
4,556
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
—
1,383
—
Reverse Transfer Capacitance
CRSS
—
105
—
Gate Resistance
RG
—
0.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG
—
95.4
—
nC
VDD = 30V, ID = 90A,
VGS = 10V
Gate-Source Charge
QGS
—
21.6
—
Gate-Drain Charge
QGD
—
20.4
—
Turn-On Delay Time
tD(ON)
—
14.3
—
ns
VDD = 30V, VGS = 10V,
ID = 90A, RG = 3.5Ω
Turn-On Rise Time
tR
—
99.1
—
Turn-Off Delay Time
tD(OFF)
—
40
—
Turn-Off Fall Time
tF
—
17.6
—
Reverse Recovery Time
tRR
—
50.5
—
ns
IF = 48A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
80.8
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on infinite heat sink.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. Package limited.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com