Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49014 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49014
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49014 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49014 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
02/16/2012
PI6C49014
Networking Clock Generator
LVCMOS AC Electrical Characteristics
Unlessotherwisespecified,VDD=3.3V±10%,AmbientTemperature–40°Cto+85°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Fin
InputFrequency
25
MHz
FOUT
OutputFrequency
CLOAD=15pF,25MHz
25
MHz
FOUTE
OutputFrequency
Error
XtalFrequency=25MHz,
CL=18pF,+/-20ppm,output
=25MHz
-20
0
20
PPM
FOUT
OutputFrequency
CLOAD=15pF,32.256MHz
32.256
MHz
FOUTE
OutputFrequency
Error
XtalFrequency=25MHz,
CL=18pF,+/-20ppm,Out-
put=32.256MHz
-20
0
20
PPM
FSC
SCLKFrequency
100
400
kHz
Min.pulsewidthof
PD_RESETInput
100
ns
Tr/Tf
OutputRise/Falltime 20%ofVDDto80%ofVDD
-
1.2
ns
TDC
OutputDutyCycle
-
45
-
55
%
TCj
Cycle–to-cycleJitter 32.256MHz
-
-
150
ps
TPj
PeriodJitter
25MHzclockoutput
-
-
40
TS
ClockStabilization
TimefromPowerup
3
10
ms
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOH
OutputHighVoltage
-
660
-
950
mV
VOL
OutputLowVoltage
-
-
-
150
mV
VCROSS
AbsoluteCrossing
PointVoltages
-
250
-
550
ΔVCROSS
Totalvariationof
VCROSSoveralledges -
-
-
140
mV
IOH
OutputHighCurrent
With475-Ohmresistorcon-
nectedbetweenIREFpinand
GND
-
14
-
mA
HCSL DC Electrical Characteristics
Unlessotherwisespecified,VDD=3.3V±10%,AmbientTemperature–40°Cto+85°C
11-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com