Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49014 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49014
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49014 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49014 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
02/16/2012
PI6C49014
Networking Clock Generator
Serial Data Interface (SMBus)
PI6C49014isaslaveonlySMBusdevicethatsupportsindexedblockreadandindexedblockwriteprotocolusingasingle7-bitad-
dressandread/writebitasshownbelow.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
0/1
How to Write
1 bit
8 bits
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
d2H
Ack
Register
offset
Ack
Byte
Count = N
Ack
Data Byte
0
Ack
…
Data Byte
N - 1
Ack
Stop
bit
Note:
1.
Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
Byte 0: Spread Spectrum Control Register
Bit
Description
Type
Power Up
Condition
Output(s)
Affected
Notes
7
SpreadSpectrumSelectionfor200MHzHCSL
PCI-Expressclocks
RW
0
200MHzHCSLPCI
Expressoutput
0=spreadoff
1=-0.5%down
spread
6
EnableshardwareorsoftwarecontrolofOEbits
(seeByte0–Bit6andBit5Functionalitytable)
RW
0
PD_RESETpin,
bit5
0=hardwarecntl
1=softwarectrl
5
SoftwarePD_RESETbit.Enablesordisablesall
outputs
(seeByte0–Bit6andBit5Functionalitytable)
RW
1
Alloutputs
0=disabled
1=enabled
4to1 Reserved
RW
Undefined
NotApplicable
0
OEforsingle-ended25MHzoutput25M_Out2
RW
1
Single-ended
25MHzoutput
25M_Out2
0=disabled
1=enabled
How to Read (M:abbreviationforMasterorController;S:abbreviationforslave/clock)
1 bit
8
bits
1 bit
8
bits
1 bit
1 bit
8
bits
1 bit
8
bits
1 bit
8
bits
1 bit
…
8
bits
1 bit
1 bit
M:
Start
bit
M:
Send
"D2h"
S:
sends
Ack
M:
send
start-
ing
data-
byte
loca-
tion:
N
S:
sends
Ack
M:
Start
bit
M:
Send
"D3h"
S:
sends
Ack
S:
sends
#of
data
bytes
that
will
be
sent:
X
M:
sends
Ack
S:
sends
start-
ing
data
byte
N
M:
sends
Ack
…
S:
sends
data
byte
N+X-
1
M:Not
Ac-
knowl-
edge
M:
Stop
bit
11-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com