Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49014 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49014
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49014 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49014 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49014 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
02/16/2012
Block Diagram
PI6C49014
Networking Clock Generator
Features
• 3.3V±10%SupplyVoltage
• Uses25MHzCrystalor25MHzreferenceinput
• One200MHzselectableHCSLoutputwithspread–defaultis
spreadoff
• Two25MHzLVCMOSoutputs
• One32.256MHzLVCMOSoutput
• Industrialtemperature-40°Cto85°C
• Package:28pinTSSOP(L)
Description
The PI6C49014 is a high performance networking clock
generator which generates 200MHz HCSL clock signal along
withtwoLVCMOS25MHzand32.256MHzclocksfromeither
25MHzcrystalorreferenceinput.Thisintegratedsolutionisideal
for Networking and Embedded systems that require multiple
frequenciesyetsmallfootprint.
Pin Configuration
200M_OUT
25M_OUT(1-2)
32.256M_OUT
PD_RESET
SDATA
SCLK
PLL, Dividers,
Buffers, and
Logic
Clock Buffer/
Crystal
Oscillator
25 MHz
crystal or
clock input
2
Applications
•Networkingsystems
•Embeddedsystems
GNDO_200M
IREF
NC
NC
SCLK
SDATA
GND_25M
25M_Out1
25M_Out2
VDDO_25M
GND_32M
VDDO_32M
32.256M_Out
GND_XTAL
200M_Q+
200M_Q-
NC
NC
VDDO_200M
VDD_200M
GND_200M
NC
VDD_D
GND_D
VDD_XTAL
X2
X1
PDRESET
O
11-0146


Similar Part No. - PI6C49014

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49015LIE PERICOM-PI6C49015LIE Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49016ZDIE PERICOM-PI6C49016ZDIE Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
More results

Similar Description - PI6C49014

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com