Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR105V0USP-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDVR105V0USP-HF
Description  Low Capacitance ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR105V0USP-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDVR105V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:A
Comchip Technology CO., LTD.
Marking Code
P524
QW-JP041
Part Number
CPDVR105V0USP-HF
Marking Code
P524
Suggested PAD Layout
SIZE
(inch)
0.034
(mm)
0.875
0.200
0.500
0.008
0.020
SLP2510P8
1.000
0.039
E
0.200
0.008
A
B
C
D
Comchip
S M D D i o d e S p e c i a l i s t
H
B
A
C
E
F
D
0.016
0.400
0.675
1.550
0.027
0.061
F
G
H
+
+
+
+
+
+
+
+
+
G
•
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
3,000
Reel Size
(inch)
7
SLP2510P8
Low Capacitance ESD Protection Array
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com