Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR105V0USP-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR105V0USP-HF
Description  Low Capacitance ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR105V0USP-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR105V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
Comchip Technology CO., LTD.
Fig.4- Pulse Waveform
Fig.3- Admissible Power Dissipation Curve
Reverse voltage, (%)
Ambient temperature, ( °C )
20%
40%
60%
80%
100%
0
20
40
60
100 140
180
0
1
10
100
0.1
1
10
0.01
RATING AND CHARACTERISTIC CURVES (CPDVR105V0USP-HF)
1000
QW-JP041
Fig.2- Clamping Voltage vs. Peak
Pulse Current
Peak Current, Ipp( A )
0
10
20
30
0
2
5
Comchip
S M D D i o d e S p e c i a l i s t
80
160
1
3
4
Pulse Duration, (us)
Fig.1- Non-Repetitive Peak Pulse
Power vs. Pulse Time
0%
6
120%
t-Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Waveform
parameters
tf=8us
td=20us
e-t
td=t│Ipp/2
Low Capacitance ESD Protection Array
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com