Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR105V0USP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR105V0USP-HF
Description  Low Capacitance ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR105V0USP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR105V0USP-HF Datasheet HTML 1Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 2Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 3Page - Comchip Technology CPDVR105V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDVR105V0USP-HF
Page 1
QW-JP041
REV:A
Comchip Technology CO., LTD.
SLP2510P8
Dimensions in inches and (millimeter)
0.102(2.60)
0.094(2.40)
0.043(1.10)
0.035(0.90)
0.010(0.25)
0.026(0.65)
0.020(0.50)
0.02(0.50)BSC
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Breakdown voltage
V(BR)
V
IT = 1mA,I/O Pin to GND
Reverse Leakage current
IR
uA
0.4
CJ
pF
VR =0V, f =1MHz between I/Os
6.0
1.0
VRWM = 5V, I/O Pin to GND
Clamping voltage
ESD capability
kV
±15
Peak pulse power
PPP
W
150
Storage temperature range
Junction temperature range
150
°C
TSTG
TJ
°C
150
-55
VC
V
IPP = 1A,I/O Pin to GND(8/20µs)
15
VESD
IEC 61000-4-2(Air)
IEC 61000-4-2(Contact)
±8
VESD
kV
RoHS Device
Mechanical data
- Case: SLP2510P8 small outline plastic package
- Terminals: Matte tin plated, solderable per
MIL-STD-202,method 208
- Mounting Compound Flammability Rating: UL 94V-0
- Weight: 0.015 grams(approx.).
- High temperature soldering guaranteed:
260°C/10 second
0.006(0.15)
-55
0.002(0.05)
0.000(0.00)
Reverse working voltage
5.0
VRWM
V
Features
- Protects four high speed I/O lines
- Working Voltage: 5V
- Low clamping voltage
- IEC61000-4-2 Level 4 ESD Protection.
- IEC61000-4-4 Level 4 FET protection.
- Low leakage current
I/O Pins to GND (Note 1)
Junction capacitance
0.8
CJ
pF
VR =0V, f =1MHz between I/Os GND
Halogen Free
Low Capacitance ESD Protection Array
0.018(0.45)
0.014(0.35)
Company reserves the right to improve product design , functions and reliability without notice.
1
2
3
4
5
10
9
8
7
6
Circuit Diagram
Tp=8/20µs waveform
Note: 1. ESD devices are normally selected according to the working peak reverse voltage (VRWM), which should
be equal or greater than the DC or continuous peak operating voltage level.


Similar Part No. - CPDVR105V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR105V0UA-HF COMCHIP-CPDVR105V0UA-HF Datasheet
541Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - CPDVR105V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com