Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D882M Datasheet(PDF) 4 Page - Comchip Technology

Part # D882M
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

D882M Datasheet(HTML) 4 Page - Comchip Technology

  D882M Datasheet HTML 1Page - Comchip Technology D882M Datasheet HTML 2Page - Comchip Technology D882M Datasheet HTML 3Page - Comchip Technology D882M Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Suggested PAD Layout
Page 4
REV:A
Comchip Technology CO., LTD.
QW-BTR51
SIZE
(inch)
0.228
(mm)
5.80
5.85
3.70
0.230
0.146
1.20
0.047
E
2.00
0.079
B
C
D
A
TO-252-2L
4.57
0.180
F
Marking code
TO-252-2L
Standard Packaging
Case Type
2,500
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Part Number
Marking Code
Marking Code
D882M-G
D882M
Company reserves the right to improve product design , functions and reliability without notice.
A
B
E
D
C
F
D882M
XXX
Control Code
General Purpose Transistors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com