Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D882M Datasheet(PDF) 1 Page - Comchip Technology

Part # D882M
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

D882M Datasheet(HTML) 1 Page - Comchip Technology

  D882M Datasheet HTML 1Page - Comchip Technology D882M Datasheet HTML 2Page - Comchip Technology D882M Datasheet HTML 3Page - Comchip Technology D882M Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-BTR51
REV:A
Comchip Technology CO., LTD.
Dimensions in inches and (millimeters)
D882M-G
RoHS Device
Features
- Power Dissipation
- High collector current.
- High current gain.
- Low collector-emitter saturation voltage.
Diagram
General Purpose Transistors
0.264(6.70)
0.256(6.50)
0.215(5.46)
0.202(5.13)
0.055(1.40)
0.031(0.80)
0.409(10.40)
0.386( 9.80)
0.186(4.73)
0.170(4.33)
0.090(2.29)
Typ.
0.032(0.81)
0.028(0.71)
Φ
0.051(1.30)
0.043(1.10)
0.094(2.38)
0.087(2.20)
0.022(0.56)
0.018(0.46)
0.244(6.20)
0.236(6.00)
0.114(2.90)
REF.
0.067(1.70)
0.055(1.40)
0.022(0.56)
0.018(0.46)
0.004(0.10)
MAX.
0.070(1.78)
REF.
0.190(4.83 )
REF.
TO-252-2L
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
40
30
6
100
90
1
1
200
0.5
1.5
V
V
V
μA
μA
V
V
MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
fT
IC = 100μA, IE = 0
IC = 10mA, IB = 0
IE = 100μA, IC = 0
VCB = 40V, IE = 0
VEB = 6V, IC = 0
VCE = 2V, IC = 1A
IC = 2A, IB = 0.2A
IC = 2A, IB = 0.2A
VCE = 5V, IC = 0.1A, f = 10MHz
Typ
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector cut-off current
10
μA
ICEO
VCE = 30V, IB = 0
Company reserves the right to improve product design , functions and reliability without notice.
C
E
B
Parameter
Value
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current-continuous
Collector power dissipation
Junction temperature range
VCBO
VCEO
VEBO
IC
PC
TJ
40
30
6
3
1.25
150
V
V
V
A
W
°C
Maximum Ratings (at TA=25°C unless otherwise noted)
Symbol
Storage temperature range
TSTG
-55 to +150
°C
- 1. BASE
- 2. COLLECTOR
- 3. EMITTER
1
2
3
1
2
3


Similar Part No. - D882M

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D882M JIANGSU-D882M Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - D882M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com