Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D882M Datasheet(PDF) 3 Page - Comchip Technology

Part # D882M
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

D882M Datasheet(HTML) 3 Page - Comchip Technology

  D882M Datasheet HTML 1Page - Comchip Technology D882M Datasheet HTML 2Page - Comchip Technology D882M Datasheet HTML 3Page - Comchip Technology D882M Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
QW-BTR51
D1
D2
D
W1
Reel Taping Specification
Company reserves the right to improve product design , functions and reliability without notice.
c
P1
P0
P
A
General Purpose Transistors
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
SYMBOL
(mm)
(inch)
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.10
0.295 ± 0.004
TO-252-2L
13.00 ± 1.00
0.512 ± 0.039
B
C
d
D
D2
D1
TO-252-2L
SYMBOL
A
(mm)
(inch)
3.937 ± 0.039
Φ1.55 ± 0.10
100.00 ± 1.00
21.00 ± 1.00
330.00 ± 2.00
Φ0.061 ± 0.004
12.992 ± 0.079
0.827 ± 0.039
0.272 ± 0.004
10.50 ± 0.10
0.413 ± 0.004
2.70 ± 0.10
0.106 ± 0.004
6.90 ± 0.10
16.00 + 0.30 / -0.10
0.630 + 0.012 / -0.004



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com