Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC394LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC394LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MICROWAVE CORPORATION
10 - 59
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
Absolute Maximum Ratings
Outline Drawing
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v04.1102
HMC394LP4
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
-1.6 to -1.2 Vcc
Maximum Channel Temperature
135 °C
Continuous Pdiss (T = 85 °C)
(derate 55 mW/°C above 85 °C)
1.155 W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. MATERIAL PACKAGE BODY: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY
3. LEAD AND GROUND PADDLE PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
6. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
7. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
8. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com