Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC394LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC394LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MICROWAVE CORPORATION
10 - 57
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
-30
-20
-10
0
10
20
0
0.5
1
1.5
2
2.5
3
INPUT FREQUENCY (GHz)
-30
-20
-10
0
10
20
0
0.5
1
1.5
2
2.5
3
INPUT FREQUENCY (GHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC394LP4
SSB Phase Noise Performance,
Fin= 1 GHz, N= 4, T= 25 °C
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v04.1102
-50
-40
-30
-20
-10
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
Fundamental Feedthru Power,
Pin= 0 dBm, T= 25 °C
Input Sensitivity Window, 5 major
Divide Ratio States, T= 25 °C
Input Sensitivity Window vs.
Temperature, N= 16, T= -40 °C to +85 °C
Output Power, 5 Major Divide
Ratio States, T= 25 °C
-20
-15
-10
-5
0
5
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
Recommended
Operating Window
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range
shown above.
Vcc (V)
Icc (mA)
4.75
176
5.0
194
5.25
210



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com