Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC394LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC394LP4
Description  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC394LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICROWAVE CORPORATION
10 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v04.1102
HMC394LP4
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=2
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
2nd Harmonic,
Pin= 0 dBm, T= 25 °C
3rd Harmonic,
Pin= 0 dBm, T= 25 °C
4th Harmonic,
Pin= 0 dBm, T= 25 °C
5th Harmonic,
Pin= 0 dBm, T= 25 °C
-20
-15
-10
-5
0
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
N=4
N=8
N=16
N=32
INPUT FREQUENCY (GHz)
-300
-200
-100
0
100
200
300
38
38.5
39
39.5
40
40.5
41
TIME (nS)
-100
0
100
200
300
400
500
48
50
52
54
56
58
60
62
64
66
68
70
TIME (nS)
Output Voltage Wavform, Fin= 1 GHz,
N= 2, Pin= 0 dBm, T= 25 °C
Output Voltage Wavform, Fin= 1 GHz,
N= 17, Pin= 0 dBm, T= 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com