Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820CCWM
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820CCWM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC0820CCWM Datasheet HTML 1Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 2Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 3Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 4Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 5Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 6Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 7Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DC Electrical Characteristics
The following specifications apply for V
CC=5V, unless otherwise specified. Boldface limits apply from TMIN to TMAX; all other
limits T
A=TJ=25˚C.
Parameter
Conditions
ADC0820BCN, ADC0820CCN
Limit
Units
ADC0820CCJ
ADC0820BCV, ADC0820BCWM
ADC0820CCWM, ADC0820CIWM
Typ
Tested
Design
Typ
Tested
Design
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
(Note 7)
(Note 8)
VIN(1), Logical “1”
VCC=5.25V
CS , WR , RD
2.0
2.0
2.0
V
Input Voltage
Mode
3.5
3.5
3.5
V
VIN(0), Logical “0”
VCC=4.75V
CS , WR , RD
0.8
0.8
0.8
V
Input Voltage
Mode
1.5
1.5
1.5
V
IIN(1), Logical “1”
VIN(1)=5V; CS , RD
0.005
1
0.005
1
µA
Input Current
VIN(1)=5V; WR
0.1
3
0.1
0.3
3
µA
VIN(1)=5V; Mode
50
200
50
170
200
µA
IIN(0), Logical “0”
VIN(0)=0V; CS,RD,WR,
−0.005
−1
−0.005
−1
µA
Input Current
Mode
VOUT(1), Logical “1”
VCC=4.75V, IOUT=−360 µA;
2.4
2.8
2.4
V
Output Voltage
DB0–DB7, OFL , INT
VCC=4.75V, IOUT=−10 µA;
4.5
4.6
4.5
V
DB0–DB7, OFL , INT
VOUT(0), Logical “0”
VCC=4.75V, IOUT=1.6 mA;
0.4
0.34
0.4
V
Output Voltage
DB0–DB7, OFL , INT , RDY
IOUT, TRI-STATE
VOUT=5V; DB0–DB7, RDY
0.1
3
0.1
0.3
3
µA
Output Current
VOUT=0V; DB0–DB7, RDY
−0.1
−3
−0.1
−0.3
−3
µA
ISOURCE, Output
VOUT=0V; DB0–DB7, OFL
−12
−6
−12
−7.2
−6
mA
Source Current
INT
−9
−4.0
−9
−5.3
−4.0
mA
ISINK, Output Sink
VOUT=5V; DB0–DB7, OFL ,
14
7
14
8.4
7
mA
Current
INT , RDY
ICC, Supply Current
CS =WR =RD =0
7.5
15
7.5
13
15
mA
AC Electrical Characteristics
The following specifications apply for V
CC=5V, tr=tf=20 ns, VREF(+)=5V, VREF(−)=0V and TA=25˚C unless otherwise speci-
fied.
Typ
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
t
CRD, Conversion Time for RD
Mode
Pin 7 = 0,
Figure 2
1.6
2.5
µs
t
ACC0, Access Time (Delay from
Pin 7 = 0,
Figure 2
t
CRD+20
t
CRD+50
ns
Falling Edge of RD to Output
Valid)
t
CWR-RD, Conversion Time for
Pin 7 = V
CC;tWR = 600 ns,
1.52
µs
WR-RD Mode
t
RD=600 ns; Figures 3, 4
t
WR, Write Time
Min
Pin 7 = V
CC; Figures 3, 4
600
ns
Max
(Note 4) See Graph
50
µs
t
RD, Read Time
Min
Pin 7 = V
CC; Figures 3, 4
600
ns
(Note 4) See Graph
t
ACC1, Access Time (Delay from
Pin 7 = V
CC,tRD<tI; Figure 3
Falling Edge of RD to Output
Valid)
C
L=15 pF
190
280
ns
C
L=100 pF
210
320
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com