Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820CCWM
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820CCWM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC0820CCWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 9Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 10Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 11Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 12Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 13Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 14Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 15Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1.0 Functional Description (Continued)
OTHER INTERFACE CONSIDERATIONS
In order to maintain conversion accuracy, WR has a maxi-
mum width spec of 50 µs. When the MS flash ADC’s
sampled-data comparators (Section 1.2) are in comparison
mode (WR is low), the input capacitors (C,
Figure 8 ) must
hold their charge. Switch leakage and inverter bias current
can cause errors if the comparator is left in this phase for too
long.
Since the MS flash ADC enters its zeroing phase at the end
of a conversion (Section 1.3), a new conversion cannot be
started until this phase is complete. The minimum spec for
this time (t
P, Figures 2, 3, 4, 5 ) is 500 ns.
DS005501-20
Note: MS means most significant
LS means least significant
FIGURE 11. Operating Sequence (WR-RD Mode)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com