Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820CCWM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820CCWM
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820CCWM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC0820CCWM Datasheet HTML 11Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 12Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 13Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 14Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 15Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 16Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 17Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 18Page - National Semiconductor (TI) ADC0820CCWM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
2.0 Analog Considerations (Continued)
2.3 INPUT FILTERING
It should be made clear that transients in the analog input
signal, caused by charging current flowing into V
IN, will not
degrade the A/D’s performance in most cases. In effect the
ADC0820 does not “look” at the input when these transients
occur. The comparators’ outputs are not latched while WR is
low, so at least 600 ns will be provided to charge the ADC’s
input capacitance. It is therefore not necessary to filter out
these transients by putting an external cap on the V
IN termi-
nal.
2.4 INHERENT SAMPLE-HOLD
Another benefit of the ADC0820’s input mechanism is its
ability to measure a variety of high speed signals without the
help of an external sample-and-hold. In a conventional SAR
type converter, regardless of its speed, the input must re-
main at least 1⁄2 LSB stable throughout the conversion pro-
cess if full accuracy is to be maintained. Consequently, for
many high speed signals, this signal must be externally
sampled, and held stationary during the conversion.
Sampled-data comparators, by nature of their input switch-
ing, already accomplish this function to a large degree (Sec-
tion 1.2). Although the conversion time for the ADC0820 is
1.5 µs, the time through which V
IN must be
1
⁄2 LSB stable is
much smaller. Since the MS flash ADC uses V
IN as its “com-
pare” input and the LS ADC uses V
IN as its “zero” input, the
ADC0820 only “samples” V
IN when WR is low (Sections 1.3
and 2.2). Even though the two flashes are not done simulta-
neously, the analog signal is measured at one instant. The
value of V
IN approximately 100 ns after the rising edge of
WR (100 ns due to internal logic prop delay) will be the mea-
sured value.
Input signals with slew rates typically below 100 mV/µs can
be converted without error. However, because of the input
time constants, and charge injection through the opened
comparator input switches, faster signals may cause errors.
Still, the ADC0820’s loss in accuracy for a given increase in
signal slope is far less than what would be witnessed in a
conventional successive approximation device. An SAR type
converter with a conversion time as fast as 1 µs would still
not be able to measure a 5V 1 kHz sine wave without the aid
of an external sample-and-hold. The ADC0820, with no such
help, can typically measure 5V, 7 kHz waveforms.
DS005501-24
FIGURE 14.
DS005501-25
FIGURE 15.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com