Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0401LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0401LE
Description  4-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0401LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC48P0401LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.pericom.com
PI6LC48P0401
Rev.D
11/7/2014
PI6LC48P0401
4-Output LVPECL Networking Clock Generator
AC Characterisitcs, (VDD = VDDO = 2.5V ± 5%, TA = -40 to 85ºC)
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency Range
N_SEL[1:0] = 00
140
170
MHz
N_SEL[1:0] = 01
112
136
MHz
N_SEL[1:0] = 10
56
68
MHz
tsk(o)
Output Skew(1,2)
120
ps
tjit(Ø)
RMS Phase Jitter,
(Random)(3)
156.25MHz,
(1.875MHz - 20MHz)
0.21
ps
156.25MHz,
(12kHz - 20MHz)
0.28
ps
125MHz,
(1.875MHz - 20MHz)
0.14
ps
125MHz,
(12kMHz - 20MHz)
0.32
ps
62.5MHz,
(637kHz - 10MHz)
0.28
ps
62.5MHz,
(12kHz - 10MHz)
0.47
ps
tR / tF
Output Rise/Fall Time
20% to 80%
400
ps
odc
Output Duty Cycle
48
52
%
Note: Electrical parameters are quaranteed over the specified ambient operating temperature range, which is established when the device is mounted in a test
socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium has been reached under these
conditions.
Note1: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential cross points.
Note2: This parameter is defined in accordance with JEDEC Standard 65.
Note3: Please refer to the Phase Noise Plots.
Phase Noise Plot
156.25MHz
125MHz
62.5MHz
14-0203



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com