Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0401LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0401LE
Description  4-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0401LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48P0401LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
PI6LC48P0401
Rev.D
11/7/2014
PI6LC48P0401
Block Diagram
Description
The PI6LC48P0401 is a 4-output LVPECL synthesizer opti-
mized to generate Ethernet reference clock frequencies and is a
member of Pericom’s HiFlex family of high performance clock
solutions. Using a 25MHz crystal, the following frequencies can
be generated based on the settings of 2 frequency select pins
(N_SEL[1:0]): 156.25MHz, 125MHz, 62.5MHz.
The PI6LC48P0401 uses Pericom’s proprietary low phase noise
VCO technology and can achieve less than 1ps typical rms
phase jitter, so it is ideal for Ethernet interface in all kind of
systems.
Features
Î
Î
Four differential LVPECL output pairs
Î
Î
Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended clock input
Î
Î
Supports the following output frequencies: 156.25MHz,
125MHz, 62.5MHz
Î
Î
RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.23ps (typical)
Î
Î
RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.28ps (typical)
Î
Î
Full 3.3V or 2.5V supply modes
Î
Î
-40°C to 85°C ambient operating temperature
Î
Î
Available in lead-free packages
Applications
Î
Î
Networking systems
Phase
Detector
VCO
M = 25 (fixed)
N_SEL[1:0]
0 0 ÷4
0 1 ÷5
1 0 ÷10
1 1 not used
OSC
CLK0
CLK0#
CLK1
CLK1#
CLK2
CLK2#
CLK3
CLK3#
2
M_reset
IN_SEL
XTAL_OUT
XTAL_IN
Ref_IN
PLL_Bypass
N_SEL[1:0]
4-Output LVPECL Networking Clock Generator
14-0203


Similar Part No. - PI6LC48P0401LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
PI6LC48P0405LIE PERICOM-PI6LC48P0405LIE Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
PI6LC48P0405LIEX PERICOM-PI6LC48P0405LIEX Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P0401LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48L0201 PERICOM-PI6LC48L0201 Datasheet
946Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
4-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com