Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0401LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0401LE
Description  4-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0401LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48P0401LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0401LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.pericom.com
PI6LC48P0401
Rev.D
11/7/2014
PI6LC48P0401
4-Output LVPECL Networking Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1, 2
CLK1#, CLK1
Output
LVPECL Output Clock 1
3, 22
VDDO
Power
Output supply pins
4, 5
CLK0, CLK0# Output
LVPECL Output Clock 0
6
M_reset
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs Qx to go low and the inverted outputs
nQx to go high. When logic LOW, the internal dividers and outputs are
enabled.
7
PLL_Bypass
Input
Pulldown
Selects either the PLL or the active input reference to be routed to the
output dividers. When LOW, selects PLL (PLL enable). When HIGH,
selects the reference clock (PLL bypass).
8
NC
Not connected
9
VDDA
Power
Analog power supply
10,
12
N_SEL0,
N_SEL1
Input
Pulldown Frequency select pins
11, 18
VDD
Power
Core power supply
13,
14
XTAL_OUT,
XTAL_IN
Output /
Input
Parallel resonant crystal interface. XTAL_OUT is the output, and
XTAL_IN is the input.
15, 19
GND
Power
Ground
16
Ref_IN
Input
Pulldown CMOS reference clock input
17
IN_SEL
Input
Pulldown
Selects between the single-ended Ref_IN or crystal interface as the
PLL reference source. When HIGH, selects Ref_IN. When LOW selects
XTAL inputs.
20, 21
CLK3#, CLK3 Output
LVPECL Output Clock 3
23, 24
CLK2, CLK2# Output
LVPECL Output Clock 2
Pin Configuration
1
2
3
CLK0
4
CLK0#
5
VDDO
6
PLL_Bypass
7
IN_SEL
8
M_reset
CLK2#
VDDO
CLK3
GND
VDD
NC
24
23
22
21
20
19
18
17
CLK1#
CLK1
CLK3#
CLK2
Ref_IN
9
VDDA
16
GND
10
N_SEL0
15
XTAL_IN
11
VDD
14
XTAL_OUT
12
13
N_SEL1
14-0203



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com