Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4840 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
LVDS Output Characteristics (VDD = VDDO_QA = VDDO_QB = VDDO_QC = VDDO_REF = 3.3V ±5%, TA = -40°C to 85°C)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
T
rise / Tfall
Rise and Fall Time
20% to 80%, single-ended
145
360
ps
T
DC
Duty Cycle
Differential
48
52
%
J
phase
Integrated phase jitter
12KHz-20MHz @ 125MHz
0.45
1
ps
637kHz - 62.5MHz @125MHz(2)
0.45
1
T
sk(o)
Output to Output skew
Within a bank at the same supply
and with equal load
35
ps
I
OZ
Tri-state Output Current
10
µA
T
DIS
Output Disable Time
50
ns
T
EN
Output Enable Time
50
V
OD
Differential Output Voltage
300
575
mV
V
OS
Offset Voltage
1.325
1.575
V
PSRR
Power Supply Rejection Ratio
Modulation Power = -30dBm from
10k to 15M modulation freq.
-50
dBc
2. Does not include 25MHz reference spur.
25MHz Crystal Characteristics (VDD = VDDO_QA = VDDO_QB = VDDO_QC = VDDO_REF = 3.3V ±5%, TA = -40°C to
85°C)
Parameters
Description
Min
Typ
Max.
Units
FREQ
Frequency
25
MHz
ESR
Equivalent Series Resistance
50
Ω
Cload
Load Capacitance
18
pF
Cshunt
Shunt Capacitance
7
DRIVE
Drive Level
0.65
mW
10-0249



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com